Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686S7683563 Datasheet(PDF) 13 Page - TDK Electronics

Part # B32686S7683563
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S7683563 Datasheet(HTML) 13 Page - TDK Electronics

Back Button B32686S7683563 Datasheet HTML 9Page - TDK Electronics B32686S7683563 Datasheet HTML 10Page - TDK Electronics B32686S7683563 Datasheet HTML 11Page - TDK Electronics B32686S7683563 Datasheet HTML 12Page - TDK Electronics B32686S7683563 Datasheet HTML 13Page - TDK Electronics B32686S7683563 Datasheet HTML 14Page - TDK Electronics B32686S7683563 Datasheet HTML 15Page - TDK Electronics B32686S7683563 Datasheet HTML 16Page - TDK Electronics B32686S7683563 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Shield
Heat-absorbing board, (1.5
±0.5) mm thick, between capacitor
body and liquid solder
Evaluation criteria:
Visual inspection
No visible damage
∆C/C
0
2% for MKT/MKP/MFP
5% for EMI suppression capacitors
tan
δ
As specified in sectional specification
B32686S
Snubber
Page 13 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com