Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXM17543
Description  Saves Board Space in Space-Constrained Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXM17543 Datasheet HTML 1Page - Maxim Integrated Products MAXM17543 Datasheet HTML 2Page - Maxim Integrated Products MAXM17543 Datasheet HTML 3Page - Maxim Integrated Products MAXM17543 Datasheet HTML 4Page - Maxim Integrated Products MAXM17543 Datasheet HTML 5Page - Maxim Integrated Products MAXM17543 Datasheet HTML 6Page - Maxim Integrated Products MAXM17543 Datasheet HTML 7Page - Maxim Integrated Products MAXM17543 Datasheet HTML 8Page - Maxim Integrated Products MAXM17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The Himalaya series of voltage regulator ICs and power
modules enable cooler, smaller, and simpler power supply
solutions. The MAXM17543 is an easy-to-use, step-down
power module that combines a switching power supply
controller, dual n-channel MOSFET power switches, fully
shielded inductor, and the compensation components in
a low-profile, thermally-efficient, system-in-package (SiP).
The device operates over a wide input voltage range of
4.5V to 42V and delivers up to 2.5A continuous output
current with excellent line and load regulation over an output
voltage range of 0.9V to 12V. The device only requires
five external components to complete the total power
solution. The high level of integration significantly reduces
design complexity, manufacturing risks, and offers a true
plug-and-play power supply solution, reducing time-to-
market.
The device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), or discontinu-
ous conduction mode (DCM) control schemes.
The MAXM17543 is available in a low-profile, highly
thermal-emissive, compact, 29-pin 9mm x 15mm x
2.8mm SiP package that reduces power dissipation in
the package and enhances efficiency. The package is
easily soldered onto a printed circuit board and suitable
for automated circuit board assembly. The device can
operate over the industrial temperature range from -40°C
to +125°C.
Applications
● Industrial Power Supplies
● Distributed Supply Regulation
● FPGA and DSP Point-of-Load Regulator
● Base Station Point-of-Load Regulator
● HVAC and Building Control
Features and Benefits
● Reduces Design Complexity, Manufacturing Risks,
and Time-to-Market
• Integrated Switching Power Supply Controller and
Dual-MOSFET Power Switches
• Integrated Inductor
• Integrated Compensation Components
• Integrated Thermal-Fault Protection
• Integrated Peak Current Limit
● Saves Board Space in Space-Constrained Applications
• Complete Integrated Step-Down Power Supply in a
Single Package
• Small Profile 9mm x 15mm x 2.8mm SiP Package
• Simplified PCB Design with Minimal External BOM
Components
● Offers Flexibility for Power-Design Optimization
• Wide Input Voltage Range from 4.5V to 42V
• Output-Voltage Adjustable Range from 0.9V to 12V
• Adjustable Frequency with External Frequency
Synchronization (100kHz to 1.8MHz)
• Soft-Start Programmable
• Autoswitch PWM, PFM, or DCM Current-Mode Control
• Optional Programmable EN/UVLO
Ordering Information appears at end of data sheet.
19-7450; Rev 0; 11/14
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-
Down Power Module with Integrated Inductor
4.5V TO 42V
IN
SS
SGND
PGND
PGND
FB
OUT
OUT
OUT
OUT
OUT
OUT
OUT
SYNC
MAXM17543
VIN
VOUT
VCC
CIN
OPTIONAL
EP3
VCC
RESET
EN
MODE
RT
CF
EP1
RT
COUT
RU
RB
CSS
Typical Application Circuit


Similar Part No. - MAXM17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17543ALJ+T MAXIM-MAXM17543ALJ+T Datasheet
1Mb / 20P
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17543EVKIT MAXIM-MAXM17543EVKIT Datasheet
656Kb / 10P
MAXM17543 in 3.3V Output-Voltage Application
Rev 0; 5/15
MAXM17543 MAXIM-MAXM17543_V01 Datasheet
1Mb / 20P
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
More results

Similar Description - MAXM17543

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
logo
Micross Components
HMC424 MICROSS-HMC424 Datasheet
887Kb / 9P
Space Applications
HMC425 MICROSS-HMC425 Datasheet
890Kb / 9P
Space Applications
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
saves board space
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
Small package saves board space
logo
Analog Devices
HMC939A AD-HMC939A Datasheet
502Kb / 6P
Space Applications
logo
Omron Electronics LLC
G7T OMRON-G7T Datasheet
604Kb / 7P
Slim-styled I/O Relay Saves Space in Panel
logo
Shanghai Leiditech Elec...
30V LEIDITECH-30V Datasheet
638Kb / 3P
Smaller size saves board space and cost
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
Smaller size saves board space and cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com