Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXM17543
Description  Saves Board Space in Space-Constrained Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXM17543 Datasheet HTML 6Page - Maxim Integrated Products MAXM17543 Datasheet HTML 7Page - Maxim Integrated Products MAXM17543 Datasheet HTML 8Page - Maxim Integrated Products MAXM17543 Datasheet HTML 9Page - Maxim Integrated Products MAXM17543 Datasheet HTML 10Page - Maxim Integrated Products MAXM17543 Datasheet HTML 11Page - Maxim Integrated Products MAXM17543 Datasheet HTML 12Page - Maxim Integrated Products MAXM17543 Datasheet HTML 13Page - Maxim Integrated Products MAXM17543 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PIN
NAME
FUNCTION
1, 7
N.C.
No Connection
2
SYNC
Frequency Synchronization. The device can be synchronized to an external clock using this pin.
See the External Frequency Synchronization section for more details.
3
SS
Soft-Start Input. Connect a capacitor from SS to SGND to set the soft-start.
4
CF
Compensation Filter. Connect capacitor from CF to FB to correct frequency response in
applications using non-ceramic output capacitors with switching frequency below 500kHz. Leave
CF open otherwise.
5
FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the OUT to
SGND to set the output voltage. See the Setting the Output Voltage section for more details.
6
RT
Frequency Set. Connect a resistor from RT to SGND to set the regulator’s switching frequency.
Leave RT open for the default 500kHz frequency.
8
MODE
Light-Load Mode Selection. The MODE pin configures the MAXM17543 to operate in PWM, PFM,
or DCM mode of operation. Leave MODE unconnected for PFM operation (pulse skipping at light
loads). Connect MODE to SGND for constant-frequency PWM operation at all loads. Connect
MODE to VCC for DCM operation. See the MODE Selection (MODE) section for more details.
9
VCC
5V LDO Output. No external connection.
10
SGND
Analog Ground. Internally-shorted to PGND. Connect it to PGND through a single point at output
capacitor.
11, 26
PGND
Power Ground. Connect the PGND pins externally to the power ground plane.
12–18
OUT
Regulator Output Pin. Connect a capacitor from OUT to PGND. See PCB Layout Guidelines
section for more connection details.
19–24
LX
Internally Connected to EP2. Please do not connect these pins to external components for any
reason.
25
BST
Boost Flying Cap Node. No external connection.
27
IN
Input Supply Connection. Bypass to PGND with a capacitor; place the capacitor close to the IN
and PGND pins. See Table 1 for more details
28
EN
Enable/Undervoltage-Lockout Input. Default enable through the pullup 3.3MΩ resistor between
EN and IN. Connect a resistor from EN to SGND to set the UVLO threshold.
29
RESET
Open-Drain RESET Output. The RESET output is driven low if FB drops below 92% of its set
value. RESET goes high 1024 clock cycles after FB rises above 95% of its set value.
EP1
SGND
Analog Ground. Connect this pad to 1in x 1in copper island with a lot of vias for cooling.
EP2
LX
Switching Node. Connect this pad to a small copper area of 1in x 1in under the device for thermal
relief.
EP3
OUT
Connect this pad to the OUT pins and copper area of 1in x 1in.
www.maximintegrated.com
Maxim Integrated │ 10
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com