Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXM17543
Description  Saves Board Space in Space-Constrained Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXM17543 Datasheet HTML 1Page - Maxim Integrated Products MAXM17543 Datasheet HTML 2Page - Maxim Integrated Products MAXM17543 Datasheet HTML 3Page - Maxim Integrated Products MAXM17543 Datasheet HTML 4Page - Maxim Integrated Products MAXM17543 Datasheet HTML 5Page - Maxim Integrated Products MAXM17543 Datasheet HTML 6Page - Maxim Integrated Products MAXM17543 Datasheet HTML 7Page - Maxim Integrated Products MAXM17543 Datasheet HTML 8Page - Maxim Integrated Products MAXM17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(VIN = 4.5V to 42V, VOUT = 0.9 to 12V, IOUT = 0A–2.5A, TA = +25°C, unless otherwise noted.)
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V, PWM MODE
toc04
MODE=SGND
VIN = 12V,
fSW = 740kHz
VIN = 24V,
fSW = 740kHz
VIN = 36V,
fSW = 740kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 12V, PFM MODE
toc01
MODE = OPEN
VIN = 24V,
fSW = 1.8MHz
VIN = 36V,
fSW = 1.8MHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 2.5V, PFM MODE
toc07
MODE = OPEN
VIN = 5V,
fSW = 400kHz
VIN = 12V,
fSW = 400kHz
VIN = 24V,
fSW = 400kHz
VIN = 36V,
fSW = 400kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 12V, PWM MODE
toc02
MODE = SGND
VIN = 24V,
fSW = 1.8MHz
VIN = 36V,
fSW = 1.8MHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V, PFM MODE
toc03
MODE = OPEN
VIN = 12V,
fSW = 740kHz
VIN = 24V,
fSW = 740kHz
VIN = 36V,
fSW = 740kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 2.5V, PWM MODE
toc08
MODE = SGND
VIN = 5V,
fSW = 400kHz
VIN = 12V,
fSW = 400kHz
VIN = 24V,
fSW = 400kHz
VIN = 36V,
fSW = 400kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V, PFM MODE
toc05
MODE = OPEN
VIN = 12V,
fSW = 500kHz
VIN = 24V,
fSW = 500kHz
VIN = 36V,
fSW = 500kHz
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT CURRENT (mA)
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V, PWM MODE
toc06
MODE = SGND
VIN = 12V,
fSW = 500kHz
VIN = 24V,
fSW = 500kHz
VIN = 36V,
fSW = 500kHz
Maxim Integrated │ 4
www.maximintegrated.com
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com