Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXM17543
Description  Saves Board Space in Space-Constrained Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXM17543 Datasheet HTML 10Page - Maxim Integrated Products MAXM17543 Datasheet HTML 11Page - Maxim Integrated Products MAXM17543 Datasheet HTML 12Page - Maxim Integrated Products MAXM17543 Datasheet HTML 13Page - Maxim Integrated Products MAXM17543 Datasheet HTML 14Page - Maxim Integrated Products MAXM17543 Datasheet HTML 15Page - Maxim Integrated Products MAXM17543 Datasheet HTML 16Page - Maxim Integrated Products MAXM17543 Datasheet HTML 17Page - Maxim Integrated Products MAXM17543 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
The maximum allowable power losses can be calculated
using the following equation:
JA
JMAX
A
DMAX
TT
P
=
θ
where:
PDMAX is the maximum allowed power losses with maxi-
mum allowed junction temperature.
TJMAX is the maximum allowed junction temperature.
TA is operating ambient temperature.
θJA is the junction to ambient thermal resistance.
PCB Layout Guidelines
Careful PCB layout is critical to achieving low switching
losses and clean, stable operation.
Use the following guidelines for good PCB layout:
● Keep the input capacitors as close as possible to the
IN and PGND pins.
● Keep the output capacitors as close as possible to
the OUT and PGND pins.
● Keep the resistive feedback dividers as close as
possible to the FB pin.
● Connect all of the PGND connections to as large as
copper plane area as possible on the top layer.
● Connect EP1 to PGND and GND planes on bottom
layer.
● Use multiple vias to connect internal PGND planes
to the top layer PGND plane.
● Do not keep any solder mask on EP1, EP2, and EP3
on bottom layer. Keeping solder mask on exposed
pads decreases the heat dissipating capability.
● Keep the power traces and load connections short.
This practice is essential for high efficiency.
Using thick copper PCBs (2oz vs. 1oz) can enhance
full-load efficiency. Correctly routing PCB traces is
a difficult task that must be approached in terms of
fractions of centimeters, where a single milliohm of
excess trace resistance causes a measurable
efficiency penalty.
Layout Recommendation
www.maximintegrated.com
Maxim Integrated │ 16
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor
PGND
OUT
SGND
OUT
12
9
8
6
5
3
2
11
4
29 28
25
26
27
23
24
13 14 15
16
17
18
19
20
21
22
10
7
1
OUT
EP1
EP2
EP3
P
IN
GND
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com