Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3001 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3001 Datasheet HTML 1Page - Microchip Technology MCP3001 Datasheet HTML 2Page - Microchip Technology MCP3001 Datasheet HTML 3Page - Microchip Technology MCP3001 Datasheet HTML 4Page - Microchip Technology MCP3001 Datasheet HTML 5Page - Microchip Technology MCP3001 Datasheet HTML 6Page - Microchip Technology MCP3001 Datasheet HTML 7Page - Microchip Technology MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
!
'6%SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
),*85(  6HULDO 7LPLQJ
3RZHU 5HTXLUHPHQWV
2SHUDWLQJ9ROWDJH
9''

²

9
2SHUDWLQJ&XUUHQW
,''
²


—$
—$
9'' 9 '287 XQORDGHG
9'' 9 '287 XQORDGHG
6WDQGE\&XUUHQW
,''6
²


—$
&6 9'' 9
$OO SDUDPHWHUV DSSO\ DW 9'' 9 966 9 95() 9 7$0% ƒ& WR ƒ& I6$03/(  NVSV DQG I&/.  I6$03/(
XQOHVV RWKHUZLVH QRWHG 7\SL.DO YDOXHV DSSO\ IRU 9'' 9 7$0% ƒ& XQOHVV RWKHUZLVH QRWHG
3DUDPHWHU
6\P
0LQ
7\S
0D[
8QLWV
&RQGLWLRQV
1RWH  7KLV SDUDPHWHU LV JXDUDQWHHG E\ .KDUD.WHUL]DWLRQ DQG QRW  WHVWHG
 6HH JUDSK WKDW UHODWHV OLQHDULW\ SHUIRUPDQ.HWR 95() OHYHO
 %H.DXVH WKH VDPSOH .DS ZLOO HYHQWXDOO\ ORVH .KDUJH .OR.N UDWHV EHORZ N+].DQ DIIH.W OLQHDULW\ SHUIRU
PDQ.H HVSH.LDOO\ DW HOHYDWHG WHPSHUDWXUHV
&6
&/.
W68&6
W&6+
W+,
W/2
'287
W(1
W'2
W5
W)
/6%
06% 287
W',6
1XOO %,7
+,=
+,=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com