Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3001 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 7Page - Microchip Technology MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology MCP3001 Datasheet HTML 10Page - Microchip Technology MCP3001 Datasheet HTML 11Page - Microchip Technology MCP3001 Datasheet HTML 12Page - Microchip Technology MCP3001 Datasheet HTML 13Page - Microchip Technology MCP3001 Datasheet HTML 14Page - Microchip Technology MCP3001 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 
!
1RWH 8QOHVV RWKHUZLVH LQGL.DWHG 9'' 95() 9 I6$03/(  NVSV I&/.  6DPSOH 5DWH 7$ ƒ&
),*85(  , YV9
),*85(  , YV &OR.N )UHTXHQ.\
),*85(  , YV 7HPSHUDWXUH
),*85(  ,# YV 9
),*85(  ,# YV &OR.N )UHTXHQ.\
),*85(  ,# YV 7HPSHUDWXUH




















9 9
95() 9''
$OO SRLQWV DW I&/. 0+] H[.HSW
DW 95() 9'' 9 I&/. 0+]















&OR.N )UHTXHQ.\ N+]
9 9# 9
9 9# 9




















7HPSHUDWXUH ƒ&
9'' 95() 9
I&/. 0+]
9'' 95() 9
I&/. 0+]






















9 9
95() 9''
$OO SRLQWV DW I&/.  0+] H[.HSW
DW 95() 9'' 9 I&/.  0+]

















&OR.N )UHTXHQ.\ N+]
9'' 95() 9
9'' 95() 9




















7HPSHUDWXUH ƒ&
9'' 95() 9
I&/. 0+]
9'' 95() 9
I&/. 0+]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com