Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3001 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 10Page - Microchip Technology MCP3001 Datasheet HTML 11Page - Microchip Technology MCP3001 Datasheet HTML 12Page - Microchip Technology MCP3001 Datasheet HTML 13Page - Microchip Technology MCP3001 Datasheet HTML 14Page - Microchip Technology MCP3001 Datasheet HTML 15Page - Microchip Technology MCP3001 Datasheet HTML 16Page - Microchip Technology MCP3001 Datasheet HTML 17Page - Microchip Technology MCP3001 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
!
'6%SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
),*85(  $QDORJ ,QSXW 0RGHO
),*85(  0D[LPXP &OR.N )UHTXHQ.\ YV ,QSXW
5HVLVWDQ.H 5$ WR PDLQWDLQ OHVV WKDQ D /6%
GHYLDWLRQLQ ,1/ IURP QRPLQDO .RQGLWLRQV
&3,1
9$
566 &+[
S)
97 9
97 9
,/($.$*(
6DPSOLQJ
6ZLW.K
66
56  NΩ
&6$03/(
'$&.DSD.LWDQ.H
966
9''
 S)
“ Q$
/HJHQG
9$
VLJQDO VRXU.H
566
VRXU.H LPSHGDQ.H
&+[
LQSXW .KDQQHO SDG
&3,1
LQSXW SLQ .DSD.LWDQ.H
97
WKUHVKROG YROWDJH
,/($.$*(
OHDNDJH .XUUHQWDWWKH SLQ
GXH WR YDULRXV MXQ.WLRQV
66
VDPSOLQJ VZLW.K
56
VDPSOLQJ VZLW.K UHVLVWRU
&6$03/(
VDPSOHKROG .DSD.LWDQ.H












,QSXW 5HVLVWDQ.H 2KPV
9'' 95() 9
I6$03/(  NVSV
9'' 95() 9
I6$03/(  NVSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com