Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3001 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 17Page - Microchip Technology MCP3001 Datasheet HTML 18Page - Microchip Technology MCP3001 Datasheet HTML 19Page - Microchip Technology MCP3001 Datasheet HTML 20Page - Microchip Technology MCP3001 Datasheet HTML 21Page - Microchip Technology MCP3001 Datasheet HTML 22Page - Microchip Technology MCP3001 Datasheet HTML 23Page - Microchip Technology MCP3001 Datasheet HTML 24Page - Microchip Technology MCP3001 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 
!
/HDG 3ODVWL. 0L.UR 6PDOO 2XWOLQH 3D.NDJH 0623
S
$
$
$
'
/
.
'LPHQVLRQV ' DQG ( GR QRW LQ.OXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW


)
)RRWSULQW 5HIHUHQ.H
H[.HHG  PP SHU VLGH
1RWHV
'UDZLQJ 1R &
&RQWUROOLQJ 3DUDPHWHU
0ROG 'UDIW$QJOH7RS
0ROG 'UDIW$QJOH%RWWRP
)RRW $QJOH
/HDG :LGWK
/HDG 7KL.NQHVV
β
α
.
%
φ







)
β
'LPHQVLRQ /LPLWV
2YHUDOO +HLJKW
0ROGHG 3D.NDJH 7KL.NQHVV
0ROGHG 3D.NDJH :LGWK
2YHUDOO /HQJWK
)RRW /HQJWK
6WDQGRII
†
2YHUDOO :LGWK
1XPEHU RI3LQV
3LW.K
$
/
(
'
$
(
$










0,1
S
Q
8QLWV

120

,1&+(6

















0,//,0(7(56

















0,1
0$;
120






0$;

α
(
(
%
Q


φ
† 6LJQLIL.DQW &KDUD.WHULVWL.







Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com