Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ICS83940DI
Description  Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ICS83940DI Datasheet HTML 11Page - Integrated Device Technology ICS83940DI Datasheet HTML 12Page - Integrated Device Technology ICS83940DI Datasheet HTML 13Page - Integrated Device Technology ICS83940DI Datasheet HTML 14Page - Integrated Device Technology ICS83940DI Datasheet HTML 15Page - Integrated Device Technology ICS83940DI Datasheet HTML 16Page - Integrated Device Technology ICS83940DI Datasheet HTML 17Page - Integrated Device Technology ICS83940DI Datasheet HTML 18Page - Integrated Device Technology ICS83940DI Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ICS83940DYI REVISION C May 19, 2016
18
©2016 Integrated Device Technology, Inc.
ICS83940DI Data Sheet
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS/LVTTL FANOUT BUFFER
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T2
2
7
Pin Characteristics table - changed ROUT 25 maximum to 28 maximum.
Delete RPULLUP row.
3.3V Output Load AC Test Circuit diagram - corrected GND equation to read
-1.65V... from -1.165V...
Added LVTTL to title.
Updated format.
12/12/02
A
T8
1
9
10
13
Features Section - added Lead-Free bullet.
Application Information Section - added Recommendations for Unused Input and
Output Pins.
Application Information Section - added LVPECL Clock Input Interface.
Ordering Information Table - added Lead-Free part number, marking, and note.
Updated datasheet format.
11/27/06
A
3
Absolute Maximum Ratings - corrected Storage Temperature from
“-40°C to 125°C” to “-65°C to 150°C”.
2/21/07
B
T6B
T7B
T8
1
13
14
16
17
Added 32 Lead VFQFN Pin Assignment.
Added VFQFN Thermal Release Path section.
Added 32 VFQFN Thermal Table.
Added 32 Lead VFQFN Package and Dimensions Table.
Ordering Information Table - added 32 Lead VFQFN ordering information.
Converted datasheet format.
8/13/09
C
T2
2
11
16
Pin Characteristics Table - ROUT error, typical spec deleted.
Updated Wiring the Differential Input to Accept Single-Ended Levels.
Updated 32 VFQFN Package Outline.
9/7/10
C
T8
17
Removed leaded orderables from Ordering Information table
11/27/12
C
1, 14,16
Deleted “PROPOSED” stamp
3/20/13
C
Product Discontinuation Notice - Last time buy expires May 6, 2017.
(83940DKILF)
PDN CQ-16-01
5/19/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com