Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS83940DI
Description  Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS83940DI Datasheet HTML 10Page - Integrated Device Technology ICS83940DI Datasheet HTML 11Page - Integrated Device Technology ICS83940DI Datasheet HTML 12Page - Integrated Device Technology ICS83940DI Datasheet HTML 13Page - Integrated Device Technology ICS83940DI Datasheet HTML 14Page - Integrated Device Technology ICS83940DI Datasheet HTML 15Page - Integrated Device Technology ICS83940DI Datasheet HTML 16Page - Integrated Device Technology ICS83940DI Datasheet HTML 17Page - Integrated Device Technology ICS83940DI Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ICS83940DYI REVISION C May 19, 2016
14
©2016 Integrated Device Technology, Inc.
ICS83940DI Data Sheet
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS/LVTTL FANOUT BUFFER
Reliability Information
Table 6A.
JA vs. Air Flow Table for a 32 Lead LQFP
Table 6B.
JA vs. Air Flow Table for a 32 Lead VFQFN
Transistor Count
The transistor count for ICS83940DI is: 820
JA vs. Air Flow
Linear Feet per Minute
0200
500
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
40.2°C/W
35.1°C/W
31.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com