Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS83940DI
Description  Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS83940DI Datasheet HTML 1Page - Integrated Device Technology ICS83940DI Datasheet HTML 2Page - Integrated Device Technology ICS83940DI Datasheet HTML 3Page - Integrated Device Technology ICS83940DI Datasheet HTML 4Page - Integrated Device Technology ICS83940DI Datasheet HTML 5Page - Integrated Device Technology ICS83940DI Datasheet HTML 6Page - Integrated Device Technology ICS83940DI Datasheet HTML 7Page - Integrated Device Technology ICS83940DI Datasheet HTML 8Page - Integrated Device Technology ICS83940DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS83940DYI REVISION C May 19, 2016
4
©2016 Integrated Device Technology, Inc.
ICS83940DI Data Sheet
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS/LVTTL FANOUT BUFFER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Table 4B. DC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
3.6V
Inputs, VI
-0.3V to VDD + 0.3V
Outputs, VO
-0.3V to VDDO + 0.3V
Input Current, IIN
±20mA
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
LVCMOS_CLK
2.4
VDD
V
VIL
Input Low Voltage
LVCMOS_CLK
0.8
V
IIN
Input Current
±200
µA
VOH
Output High Voltage
IOH = -20mA
2.4
V
VOL
Output Low Voltage
IOL = 20mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 1
PCLK, nPCLK
500
1000
mV
VCMR
Common Mode Input
Voltage; NOTE 1, 2
PCLK, nPCLK
VDD – 1.45
VDD – 0.6
V
IDD
Power Supply Current
25
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
LVCMOS_CLK
2.4
VDD
V
VIL
Input Low Voltage
LVCMOS_CLK
0.8
V
IIN
Input Current
±200
µA
VOH
Output High Voltage
IOH = -20mA
1.8
V
VOL
Output Low Voltage
IOL = 20mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 1
PCLK, nPCLK
300
1000
mV
VCMR
Common Mode Input
Voltage; NOTE 1, 2
PCLK, nPCLK
VDD – 1.4
VDD – 0.6
V
IDD
Power Supply Current
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com