Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS83940DI
Description  Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS83940DI Datasheet HTML 2Page - Integrated Device Technology ICS83940DI Datasheet HTML 3Page - Integrated Device Technology ICS83940DI Datasheet HTML 4Page - Integrated Device Technology ICS83940DI Datasheet HTML 5Page - Integrated Device Technology ICS83940DI Datasheet HTML 6Page - Integrated Device Technology ICS83940DI Datasheet HTML 7Page - Integrated Device Technology ICS83940DI Datasheet HTML 8Page - Integrated Device Technology ICS83940DI Datasheet HTML 9Page - Integrated Device Technology ICS83940DI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS83940DYI REVISION C May 19, 2016
6
©2016 Integrated Device Technology, Inc.
ICS83940DI Data Sheet
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS/LVTTL FANOUT BUFFER
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: All parameters measured at 200MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output VDDO/2.
NOTE 2: Measured from VDD/2 to VDDO/2.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 6: Defined as skew between outputs on different devices, across temperature and voltage ranges, and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at VDDO/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tPLH
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ
 150MHz
1.6
3.0
ns
LVCMOS_CLK; NOTE 2, 5
ƒ
 150MHz
1.8
3.0
ns
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ> 150MHz
1.6
3.3
ns
LVCMOS_CLK; NOTE 2, 5
ƒ> 150MHz
1.8
3.2
ns
tsk(o)
Output Skew;
NOTE 3, 5
PCLK, nPCLK
Measured on the Rising Edge
@ VDDO/2
150
ps
LVCMOS_CLK
150
ps
tsk(pp)
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ
 150MHz
1.4
ns
LVCMOS_CLK
ƒ
 150MHz
1.2
ns
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ> 150MHz
1.7
ns
LVCMOS_CLK
ƒ> 150MHz
1.4
ns
Part-to-Part Skew;
NOTE 4, 5
PCLK, nPCLK
Measured on the Rising Edge
@ VDDO/2
850
ps
LVCMOS_CLK
750
ps
tR / tF
Output Rise/Fall Time
0.5V to 2.4V
0.3
1.1
ns
odc
Output Duty Cycle
ƒ< 134MHz
45
50
55
%
134MHz
 ƒ  250MHz
40
50
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com