Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 4 Page - NEC

Part # UB2
Description  Super-compact size, Slim-package, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2 Datasheet(HTML) 4 Page - NEC

  UB2 Datasheet HTML 1Page - NEC UB2 Datasheet HTML 2Page - NEC UB2 Datasheet HTML 3Page - NEC UB2 Datasheet HTML 4Page - NEC UB2 Datasheet HTML 5Page - NEC UB2 Datasheet HTML 6Page - NEC UB2 Datasheet HTML 7Page - NEC UB2 Datasheet HTML 8Page - NEC UB2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UA2/UB2 SERIES
DATA SHEET ER0450EJ2V0DS00
4
2 Form c
30 W (resistive)
37.5 VA (resistive)
220 Vdc
250 Vac
1 A
1 A
10 mV.dc, 10
µA *4
100 m
Ω Max. (Initial)
Silver alloy with gold alloy overlay
140 to 230 mW
100 to 120 mW
Approximately 2 ms
Approximately 1 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac for one minute (1500 V surge, 10
× 160
µs ∗1)
1500 Vac for one minute (2500 V surge, 2
× 10
µs *2)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz at double amplitude of 3 mm (20 G)
(misoperating)
10 to 55 Hz, double amplitude of 5 mm (30 G)
(Destructive failure)
–40 to +85˚C
18 degrees at nominal coil voltage (140 mW)
5
× 107 *3 operations (Non-latch type)
1
× 107 operations (Latch type)
30 Vdc 1 A (resistive), 1
× 105 operations at 20˚C
125 Vac 0.3 A (resistive), 1
× 105 operations at 20˚C
Approximately 1 grams
Nominal Operating Power
Contact Form
Maximum Switching Power
Maximum Switching Voltage
Maximum Switching Current
Maximum Carrying Current
Minimum Contact Ratings
Initial Contact Resistance
Contact Material
Non-Latch Type
Single Coil Latch Type
Operate Time (Excluding Bounce)
Release Time (Excluding Bounce)
Insulation Resistance
Between Open Contacts
Breakdown Voltage
Between Adjacent Contacts
Between Coil and Contact
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
No-load
Load
Weight
PERFORMANCE CHARACTERISTICS (Community)
Running specifications
1 rise time : 10 µs, fall time : 160 µs
2 rise time : 2 µs, fall time : 10 µs
3 This shows a number of operation where it can be running by which a fatal is not caused, and number of operation by wich
a stesdy characteristic is maintained is 1
× 107 times.
4 This value is a reference value in the resistive load.
Minimum capacity changes depending on seitching frequency and enviroment temperature and the load.
Contact Ratings
UL Recognized
CSA Certificated
(UL508)*
(CSA C22.2 No14)
File No E73266
File No LR46266
30 Vdc, 1 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vac, 0.3 A (Resistive)
* Spacing : UL114, UL478
Spacing : CSAstd950
SAFETY STANDARD AND RATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com