Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 5 Page - NEC

Part # UB2
Description  Super-compact size, Slim-package, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2 Datasheet(HTML) 5 Page - NEC

  UB2 Datasheet HTML 1Page - NEC UB2 Datasheet HTML 2Page - NEC UB2 Datasheet HTML 3Page - NEC UB2 Datasheet HTML 4Page - NEC UB2 Datasheet HTML 5Page - NEC UB2 Datasheet HTML 6Page - NEC UB2 Datasheet HTML 7Page - NEC UB2 Datasheet HTML 8Page - NEC UB2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UA2/UB2 SERIES
5
DATA SHEET ER0450EJ2V0DS00
PART NUMBER SYSTEM
NOMINAL LINEUP
Non-latch Type
Nominal Coil
Voltage
(Vdc)
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
16
64.3
145
178
257
579
1028
2504
Must Operate
Voltage
(Vdc)
1.13
2.25
3.38
3.75
4.5
6.75
9.0
18.0
Must Release
Voltage
(Vdc)
0.15
0.3
0.45
0.5
0.6
0.9
1.2
2.4
at 20˚C
Nominal
operate power
(mW)
140
140
140
140
140
140
140
230
Single-Coil Latch Type
Nominal Coil
Voltage
(Vdc)
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
22.5
90
202.5
250
360
810
1440
4800
Must Operate
Voltage
(Vdc)
1.13
2.25
3.38
3.75
4.5
6.75
9.0
18.0
Must Release
Voltage
(Vdc)
1.13
2.25
3.38
3.75
4.5
6.75
9.0
18.0
at 20˚C
Nominal
operate power
(mW)
100
100
100
100
100
100
100
120
UB2 – 3 S N U – L
Option
NU
: Standard
NJ
: Trimmed lead typr of UA2
NUN : Minimum footprint type of UB2
Packing code
Nil : Tube (All of UA2, To be select for UB2)
L
: Embossed carrying tape of L type (UB2 only)
R
: Embossed carrying tape of R type (UB2 only)
Lach typr
Nil : Non–latch typr
S
: Single coil latch typr
Nominal coil voltage
A numerical value of coil voltage (See the following lineup)
Series name
UA2 : UA2 Series
UB2 : UB2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com