Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 9 Page - NEC

Part # UB2
Description  Super-compact size, Slim-package, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2 Datasheet(HTML) 9 Page - NEC

Back Button UB2 Datasheet HTML 4Page - NEC UB2 Datasheet HTML 5Page - NEC UB2 Datasheet HTML 6Page - NEC UB2 Datasheet HTML 7Page - NEC UB2 Datasheet HTML 8Page - NEC UB2 Datasheet HTML 9Page - NEC UB2 Datasheet HTML 10Page - NEC UB2 Datasheet HTML 11Page - NEC UB2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
UA2/UB2 SERIES
9
DATA SHEET ER0450EJ2V0DS00
Reel
Top cover tape
Embossed carrying tape
APPEARANCE
TAPE DIMENSION mm (inch)
2.0(0.079)
0.4
(0.016)
A
4.0(0.157)
1.5
(0.054)
φ
φ 2.2
(0.087)
12.0(0.47)
B
AB
UB2-
∗∗NU
Max.9.4
8.2
(0.370)
(0.323)
UB2-
∗∗NUN Max.9.5
6.7
(0.370)
(0.264)
Relay orientation mark and tape carrying direction.
Orientation mark
Orientation mark
Tape carrying direction
L
UB2-***-L
Carrying tape type
Part number
R
UB2-****-R
Rubber stopper (Yellow)
Rubber stopper (Green)
Index Mark
560.0
Outline of Package
Dimension of Package (Unit : mm)
50 pieces / Tube
Material : Polyvinyl chloride
(anti-static treated)
10.1
TUBE PACKAGE (UA2, UB2)
TAPE PACKAGE (UB2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com