Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 1 Page - NEC

Part # UB2
Description  Super-compact size, Slim-package, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2 Datasheet(HTML) 1 Page - NEC

  UB2 Datasheet HTML 1Page - NEC UB2 Datasheet HTML 2Page - NEC UB2 Datasheet HTML 3Page - NEC UB2 Datasheet HTML 4Page - NEC UB2 Datasheet HTML 5Page - NEC UB2 Datasheet HTML 6Page - NEC UB2 Datasheet HTML 7Page - NEC UB2 Datasheet HTML 8Page - NEC UB2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
UA2/UB2 SERIES
MINIATURE SIGNAL RELAY
Super-compact size, Slim-package, Surface mounting type
DESCRIPTION
NEC's UA2/UB2 relay ia a new generation Miniature Signal Relay of super-compact size and slim-pakage.
But, the latching type production is going to start after June 2000.
FEATURES
™ Small mounting size of slim package for dense mounting.
™ Bellcore (2500 V) and FCC (1500 V) surge capability.
™ IEC950/UL1950/EN60950 spacing and high breakdown voltage.
(Basic insulation class on 200 V working voltage)
™ Low power consumption 140 mW
APPLICATIONS
Electronic switching systems, PBX, terminal equipment, telephone system, instrumental equipment.
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage
and over current. Incorrect use could result in abnormal heating, damage to related parts or
cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays
for your application.
Document No. ER0450EJ2V0DS00 (2nd edition)
Date Published January 2000 M
Printed in Japan
The information in this document is subject to change without notice.
©
1999


Similar Part No. - UB2

ManufacturerPart #DatasheetDescription
logo
GREATECS
UB2 GREATECS-UB2 Datasheet
1Mb / 2P
Bicolor illuminated Pushbutton Switches with Alternating Legends
logo
NEC
UB2 NEC-UB2 Datasheet
926Kb / 7P
Miniature Relays
logo
Kemet Corporation
UB2 KEMET-UB2 Datasheet
1Mb / 17P
Electronic switching systems
logo
IMO Precision Controls ...
UB2-1.5SNU IMO-UB2-1.5SNU Datasheet
142Kb / 2P
New Generation DPDT Subminiature Signal Relay UA2/UB2
07/07
logo
Kemet Corporation
UB2-12NU KEMET-UB2-12NU Datasheet
1Mb / 17P
Electronic switching systems
More results

Similar Description - UB2

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
Slim and Compact Book Size PC
logo
ALPS ELECTRIC CO.,LTD.
SKQY ALPS-SKQY Datasheet
172Kb / 3P
6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
Compact Flash Card Slim Type I
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
International Rectifier
AHN12324 IRF-AHN12324 Datasheet
136Kb / 6P
Slim and compact size
logo
Protech Systems Co., Lt...
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
Slim, Compact and High Performance Book Size PC
logo
NEC
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
Compact type power surface mount package
logo
SHINMEI ELECTRIC CO., L...
SSS-32MD-T9 SHINMEI-SSS-32MD-T9 Datasheet
219Kb / 5P
Body height 2.45mm, Compact-sized Surface-mounting Type Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com