Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7.2ABWNA3.15 Datasheet(PDF) 15 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA3.15
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA3.15 Datasheet(HTML) 15 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA3.15 Datasheet HTML 11Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 12Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 13Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 14Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 15Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 16Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 17Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 18Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 19Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
15
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
5.5kV time-current curves — minimum melting for 5NCLPT_
5NCLPT-_E
0.5A
3A
5A
4A
2A
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com