Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7.2ABWNA3.15 Datasheet(PDF) 27 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA3.15
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA3.15 Datasheet(HTML) 27 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA3.15 Datasheet HTML 23Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 24Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 25Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 26Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 27Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 28Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 29Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 30Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 31Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
27
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
7.2kV maximum system voltage
Amp rating
Dimensions - in (mm)
Catalog No. (Interrupting rating - kA)
Recommended fuseclip
Length A
Diameter B Clip centers C
Indicating
Non-indicating
0.5 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA0.5E (50)
1A1837
1 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA1.0E (50)
2 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA2.0E (50)
2 8.7 (221)
1.6 (41) 7.5 (190)
—
7.2CAV2 (63)
1A0835
3 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA3.0E (50)
1A1837
3.15 5.6 (142)
1 (25.4) 4.4 (112)
—
7.2ABWNA3.15 (45)
A3354705
3.15 7.7 (195)
1 (25.4) 6.5 (165)
—
7.2ABCNA3.15 (45)
4 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA4.0E (50)
1A1837
4 8.7 (221)
1.6 (41) 7.5 (190)
—
7.2CAV4 (63)
1A0835
5 5.6 (142)
0.8 (20) 4.8 (122)
—
7.2AMWNA5E (50)
1A1837
6 8.7 (221)
1.6 (41) 7.5 (190)
—
7.2CAV6 (63)
1A0835
6.3 5.6 (142)
1 (25.4) 4.4 (112)
—
7.2ABWNA6.3 (45)
A3354705
6.3 7.7 (195)
1 (25.4) 6.5 (165)
—
7.2ABCNA6.3 (45)
10 8.7 (221)
1.6 (41) 7.5 (190)
—
7.2CAV10 (63)
1A0835
Dimensions (see catalog number tables for values)
Recommended fuseclips
Description
Cat. No.
Open fuseclip for 0.8 (20mm) dia. fuses
1A1837
Open fuseclip for 1.0 (25.4mm) dia. fuses
A3354705
Open fuseclip for 1.56 (39.7mm) / 1.6 (40.6mm) dia. fuses
1A0835
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com