Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7.2ABWNA3.15 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA3.15
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA3.15 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  7.2ABWNA3.15 Datasheet HTML 1Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 2Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 3Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 4Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 5Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 6Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 7Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 8Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
E-Rated PT medium voltage fuses
Catalog symbols (by maximum voltage rating):
•
2.475kV
•
2NCLPT-_
•
3.6kV
•
3.6ABCNA_
•
3.6ABWNA_
•
3.6CAV_
•
5.5kV
•
JCW-_
•
5CLPT-_E
•
5NCLPT-_E
•
5NCLPT-_E-A
•
5.5ABWNA_E
•
5.5AMWNA_E
•
5.5CAV_E
•
5.5CAVH_E
•
7.2kV
•
7.2ABWNA_
•
7.2ABCNA_
•
7.2AMWNA_E
•
7.2CAV_
•
8.3kV
•
8CLPT-_E-A
•
8CLPT-_E-B
•
8NCLPT-_E
•
8NCLPT-_E-A
•
8NCLPT-_E-B
•
12kV
•
12ABCNA_
•
12CAV_
•
15.5kV
•
15CLPT-_E
•
15NCLPT-_E-A
•
15NCLPT-_E-B
•
15.5CAV_E
•
15.5CAVH_E
•
17.5kV
•
17.5ABGNA_
•
17.5CAV_
•
24kV
•
24ABGNA_
•
24CAV_
•
25.5kV
•
25CLPT-_E
•
36kV
•
36ABGNA_
•
36CAV_
•
38kV
•
38CAV_E
•
38CAVH_E
•
38CLPT-_E
Ratings*:
•
Volts
•
2.4kV to 38kV
•
Amps
•
0.25 to 15A
•
Interrupting ratings
•
25 to 80kA RMS Sym
* See catalog number tables for voltages, ampacities and interrupting ratings
by catalog number.
Agency information:
•
Those PT fuses conforming to the requirements for E-Rating
meet the performance characteristics of ANSI C37.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com