Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7.2ABWNA3.15 Datasheet(PDF) 30 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA3.15
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA3.15 Datasheet(HTML) 30 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA3.15 Datasheet HTML 26Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 27Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 28Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 29Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 30Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 31Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 32Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 33Page - Cooper Bussmann, Inc. 7.2ABWNA3.15 Datasheet HTML 34Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
30
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
8.3kV maximum system voltage
Amp rating
Dimensions - in (mm)
Catalog No. (interrupting rating - kA)
Recommended fuseclip
Length A
Diameter B
Clip centers C
Indicating
Non-indicating
0.5
9.5 (241)
1.6 (41)
8.1 (206)
8CLPT-.5E-A (80)†
8NCLPT-.5E-A (50)
1A0835
1
5 (127)
1.1 (28)
4 (102)
—
8NCLPT-1E (50)
A3354705
1
9.5 (241)
1.6 (41)
8.1 (206)
—
8NCLPT-1E-A (50)
1A0835
2
8 (203)
0.8 (20)
7.2 (183)
—
8NCLPT-2E (25)
1A1837
2
9.5 (241)
1.6 (41)
8.1 (206)
—
8NCLPT-2E-A (50)
1A0835
3
12.9 (328)
1.6 (41)
11.5 (292)
8CLPT-3E-B (80)
8NCLPT-3E-B (50)
4
8 (203)
0.8 (20)
7.2 (183)
—
8NCLPT-4E (25)
1A1837
5
5 (127)
1.1 (28)
4 (102)
—
8NCLPT-5E (50)
A3354705
5
12.9 (328)
1.6 (41)
11.5 (292)
8CLPT-5E-B (50)
8NCLPT-5E-B (50)
1A0835
10
12.9 (328)
1.6 (41)
11.5 (292)
8CLPT-10E-B (50)
8NCLPT-10E-B (50)
† Does not comply with ANSI C37.46 for “E” rating.
CLPT type mountings and hardware 8.3kV maximum (7.2kV nominal)*
Amp rating
Fuse mounting
type**
BIL
(kV)
Catalog number
Mounting (including live parts, end fittings)***
Live parts (including
end fittings)***
End fittings
(disconnect only)
Porcelain insulator
Glass-polyester insulator
0.5–2
Non-disconnect
75
8CLPT-PNM-A
8CLPT-GNM-A
CLPT-NL
—
Disconnect†
75
8CLPT-PDM-A
8CLPT-GDM-A
CLPT-DL
CLPT-DF
3–10
Non-disconnect
75
8CLPT-PNM-B
8CLPT-GNM-B
CLPT-NL
—
Disconnect†
75
8CLPT-PDM-B
8CLPT-GDM-B
CLPT-DL
CLPT-DF
*
Refers to 8CLPT and 8NCLPT-A or -B fuses only.
**
See page 70 for dimensions and diagrams of typical mounting.
*** End fittings supplied only when required.
†
Disconnect mountings provide a means for fuse extraction only. Do not use a disconnect mounting for load switching or fuse removal while energized.
Dimensions (see catalog number tables for values)
Indicator
A
B
C
Recommended fuseclips:
Description
Cat. No.
Open fuseclip for 0.8 (20mm) dia. fuses
1A1837
Open fuseclip for 1.0 (25.4mm) dia. fuses
A3354705
Open fuseclip for 1.56 (39.7mm) / 1.6 (40.6mm) dia. fuses
1A0835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com