Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138F Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # BT138F
Description  Domestic lighting ,heating and motor speed controllers.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT138F Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  BT138F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
Description
Triacs is fabricated using separation diffusion processes ,the
junction termination areas are passivated with glass. Thanks to
highly sensitive triggering levels and reliability,the Triacs series is
suitable for domestic lighting ,heating and motor speed controllers.
Symbol
BT138(F)-600E/800E
4Q Triac
Ordering Information
Part No.
Package
Packing
TO-220
50pcs / Tube
②
③
Apr,2015-REV.00
www.sddydz.com
①
Applications
Domestic lighting ,heating and motor speed controllers.
BT138-600E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off State Voltage
BT138-600E
VDRM
V
RMS On-state Current (Full sine wave; Tmb≤107°C)
IT(RMS)
..
A
Non-Repetitive Peak. On-State Current (Full sine
wave; Tj=25°C prior to surge)
t=20ms
ITSM
95
A
I2t For Fusing
t=10ms
I2t
45
A2s
Rate of Rise of On-state Current
ITM=20A;IG=0.2A,dIG/dt=0.2A/µs
T2+G+
T2+G-
T2-G-
T2-G+
dIT /dt
50
50
50
10
A/µs
2
A
Peak Gate Current
IGM
5
W
Peak Gate Power
PGM
Average Gate Power (Over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
TO-220
50pcs / Tube
BT138-800E
BT138-800E
600
6
800*
8
-600
-800
Peak Gate Voltage
VGM
5
V
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 6A/
µs.
ITO-220
50pcs / Tube
BT138F-600E
ITO-220
50pcs / Tube
BT138F-800E


Similar Part No. - BT138F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138F PHILIPS-BT138F Datasheet
51Kb / 7P
Triacs
February 1996 Rev 1.100
BT138F-500 PHILIPS-BT138F-500 Datasheet
51Kb / 7P
Triacs
February 1996 Rev 1.100
BT138F-500F PHILIPS-BT138F-500F Datasheet
51Kb / 7P
Triacs
February 1996 Rev 1.100
BT138F-500G PHILIPS-BT138F-500G Datasheet
51Kb / 7P
Triacs
February 1996 Rev 1.100
logo
Teccor Electronics
BT138F-500G TECCOR-BT138F-500G Datasheet
2Mb / 223P
Thyristor Product Catalog
More results

Similar Description - BT138F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
DIYI Electronic Technol...
BT136 DYELEC-BT136 Datasheet
4Mb / 7P
Domestic lighting ,heating and motor speed controllers.
BT136-600 DYELEC-BT136-600 Datasheet
3Mb / 7P
Domestic lighting ,heating and motor speed controllers.
BT136-600D DYELEC-BT136-600D Datasheet
4Mb / 7P
Domestic lighting ,heating and motor speed controllers.
BT137 DYELEC-BT137 Datasheet
949Kb / 5P
Domestic lighting ,heating and motor speed controllers.
BT137-600 DYELEC-BT137-600 Datasheet
1Mb / 5P
Domestic lighting ,heating and motor speed controllers.
BT137-600E DYELEC-BT137-600E Datasheet
1Mb / 5P
Domestic lighting ,heating and motor speed controllers.
logo
Guangdong Youtai Semico...
BTA24 UMW-BTA24 Datasheet
762Kb / 6P
vacuum cleaners, power tools and other motor speed controllers; solid state relays; heating controllers (temperature regulation); other phase control circuits.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com