Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138F Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # BT138F
Description  Domestic lighting ,heating and motor speed controllers.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT138F Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  BT138F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
TYPICAL CHARACTERISTICS
Apr.2015-REV.00
www.sddydz.com
4Q Triac
BT13. (F)-600E/800E
Tj (°C)
-50
150
100
0
50
1
2
3
0
IGT
IGT(25°C)
(1)
(2)
(3)
(4)
(1)
(2)
(3)
(4)
(1) T2- G+
(2) T2- G-
(3) T2+ G-
(4) T2+ G+
Fig. 4. Normalized gate trigger current as a function of
junction temperature
-50
150
100
0
50
1
2
3
0
IL
IL(25°C)
Tj (°C)
Fig. 5. Normalized latching current as a function of
junction temperature
-50
150
100
0
50
1
2
3
0
IH
IH(25°C)
Tj (°C)
Fig. 6. Normalized holding current as a function of
junction temperature
0
10
20
30
40
0
1
2
VT (V)
IT
(A)
(1)
(3)
0.5
1.5
2.5
(2)
Vo = 1.175 V; Rs = 0.0316 Ω
(1) Tj = 125 °C; typical values (2)
Tj = 125 °C; maximum values (3)
Tj = 25 °C; maximum values
Fig. 7. On-state current as a function of on-state
voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com