Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138F Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # BT138F
Description  Domestic lighting ,heating and motor speed controllers.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT138F Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  BT138F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
THERMAL CHARACTERISTICS
ELECTRICAL
CHARACTERISTICS (TJ = 25°C, unless otherwise stated)
Apr,2015-REV.00
www.sddydz.com
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction to Mounting Base
Full cycle
Half cycle
Rth j-mb
2.0
2.4
K/W
Thermal Resistance Junction to Ambient
In free air
Rth j-a
60
K/W
PARAMETER
SYMBOL
TEST CONDITIONS
STATIC CHARACTERISTICS
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2+G+
T2+G-
T2-G-
T2-G+
2.5
4
5
11
10
10
10
25
mA
Latching Current
IL
T2+G+
T2+G-
T2-G-
T2-G+
-
-
-
-
30
40
30
40
mA
On-State Voltage
VT
VD=12V, IT=0.1A
0.7
Gate Trigger Voltage
VGT
0.25
VD=400V, IT=0.1A; Tj=125°C
0.4
V
Holding Current
IH
1.4
Off-state Leakage Current
ID
MIN
TYP
MAX
UNIT
VD=12V, IT=0.1A
-
30
mA
VD=12V, IT=0.1A; Tj=25°C
1.0
V
IT=15A
1.65
V
VD=600V, Tj=125°C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of off-state
Voltage
dVD/dt
VDM=67% VDRM(max), Tj=125°C
Exponential waveform,Gate open
circuit
150
V/µs
Gate Controlled Turn-on Time
tgt
ITM=16A,VD=VDRM,IG=0.1A
dIG/dt=5A/µs
2
µ
s
4Q Triac
BT138(F)-600E/800E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com