Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138F Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # BT138F
Description  Domestic lighting ,heating and motor speed controllers.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT138F Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  BT138F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT138F Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
TYPICAL CHARACTERISTICS
Apr,2015-REV.00
www.sddydz.com
4Q Triac
BT138(F)-600E/800E
-50
150
100
0
50
6
9
3
12
15
IT(RMS)
(A)
0
99 °C
Tmb (°C)
Fig. 1. RMS on-state current as a function of mounting
base temperature; maximum values
0
10
20
30
40
50
surge duration (s)
10-2
10
1
10-1
IT(RMS)
(A)
f = 50 Hz; Tmb = 99 °C
Fig. 2. RMS on-state current as a function of surge
duration; maximum values
0
20
40
60
80
100
1
10
102
103
number of cycles (n)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f
f = 50 Hz
Fig. 3. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com