Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM642 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 2Page - Texas Instruments TMS320DM642 Datasheet HTML 3Page - Texas Instruments TMS320DM642 Datasheet HTML 4Page - Texas Instruments TMS320DM642 Datasheet HTML 5Page - Texas Instruments TMS320DM642 Datasheet HTML 6Page - Texas Instruments TMS320DM642 Datasheet HTML 7Page - Texas Instruments TMS320DM642 Datasheet HTML 8Page - Texas Instruments TMS320DM642 Datasheet HTML 9Page - Texas Instruments TMS320DM642 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 178 page
background image
www.ti.com
2
Device Overview
2.1
Device Characteristics
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-1 provides an overview of the DM642 DSP. The table shows significant features of the DM642
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the DM642 Processor
HARDWARE FEATURES
DM642
EMIFA (64-bit bus width)
1
(clock source = AECLKIN)
EDMA (64 independent channels)
1
McASP0 (uses Peripheral Clock [AUXCLK])
1
I2C0 (uses Peripheral Clock)
1
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
Peripherals
PCI (32-bit), 66-MHz/33-MHz
1
[DeviceID Register value 0x9065]
Not all peripherals pins are
available at the same time
McBSPs
2
(For more detail, see the
(internal clock source = CPU/4 clock frequency)
Device Configuration sec-
Configurable Video Ports (VP0, VP1, VP2)
3
tion).
10/100 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
VCXO Interpolated Control Port (VIC)
1
32-Bit Timers
3
(internal clock source = CPU/8 clock frequency)
General-Purpose Input/Output Port (GP0)
16
Size (Bytes)
288K
16K-Byte (16KB) L1 Program (L1P) Cache
On-Chip Memory
Organization
16KB L1 Data (L1D) Cache
256KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
JTAG BSDL_ID
JTAGID register (address location: 0x01B3F008)
0x0007902F
Frequency
MHz
500, 600, 720
2 ns (DM642-500) and (DM642A-500)
[500 MHz CPU, 100 MHz EMIF(1), 33 MHz PCI port]
1.67 ns (DM642-600)
Cycle Time
ns
[600 MHz CPU, 133 MHz EMIF(1), 66 MHz PCI port]
1.39 ns (DM642-720)
[720 MHz CPU, 133 MHz EMIF(1), 66 MHz PCI port]
1.2 V (–500)
Core (V)
1.4 V (A-500, A-600, -600, -720)
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12
23 x 23 mm
548-Pin BGA (GDK and ZDK)
BGA Package
27 x 27 mm
548-Pin BGA (GNZ and ZNZ)
Process Technology
µm
0.13 µm
Product Preview (PP), Advance Information (AI),
Product Status(2)
PD
or Production Data (PD)
(1)
On this DM64x™ device, the rated EMIF speed affects only the SDRAM interface on the EMIF. For more detailed information, see the
EMIF device speed portion of this data sheet.
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
6
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com