Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM642 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 82Page - Texas Instruments TMS320DM642 Datasheet HTML 83Page - Texas Instruments TMS320DM642 Datasheet HTML 84Page - Texas Instruments TMS320DM642 Datasheet HTML 85Page - Texas Instruments TMS320DM642 Datasheet HTML 86Page - Texas Instruments TMS320DM642 Datasheet HTML 87Page - Texas Instruments TMS320DM642 Datasheet HTML 88Page - Texas Instruments TMS320DM642 Datasheet HTML 89Page - Texas Instruments TMS320DM642 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-11. Switching Characteristics Over Recommended Operating Conditions During Reset
(1) (2) (3)
(see Figure 5-9)
–500
–600
NO.
PARAMETER
UNIT
–720
MIN
MAX
2
td(RSTL-ECKI)
Delay time, RESET low to AECLKIN synchronized internally
2E
3P + 20E
ns
3
td(RSTH-ECKI)
Delay time, RESET high to AECLKIN synchronized internally
2E
8P + 20E
ns
4
td(RSTL-ECKO1HZ)
Delay time, RESET low to AECLKOUT1 high impedance
2E
ns
5
td(RSTH-ECKO1V)
Delay time, RESET high to AECLKOUT1 valid
8P + 20E
ns
6
td(RSTL-EMIFZHZ)
Delay time, RESET low to EMIF Z high impedance
2E
3P + 4E
ns
7
td(RSTH-EMIFZV)
Delay time, RESET high to EMIF Z valid
16E
8P + 20E
ns
8
td(RSTL-EMIFHIV)
Delay time, RESET low to EMIF high group invalid
2E
ns
9
td(RSTH-EMIFHV)
Delay time, RESET high to EMIF high group valid
8P + 20E
ns
10
td(RSTL-EMIFLIV)
Delay time, RESET low to EMIF low group invalid
2E
ns
11
td(RSTH-EMIFLV)
Delay time, RESET high to EMIF low group valid
8P + 20E
ns
12
td(RSTL-LOWIV)
Delay time, RESET low to low group invalid
0
ns
13
td(RSTH-LOWV)
Delay time, RESET high to low group valid
11P
ns
14
td(RSTL-ZHZ)
Delay time, RESET low to Z group high impedance
0
ns
15
td(RSTH-ZV)
Delay time, RESET high to Z group valid
2P
8P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
(2)
E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
(3)
EMIF Z group consists of: AEA[22:3], AED[63:0], ACE[3:0], ABE[7:0], AARE/ASDCAS/ASADS/ASRE, AAWE/ASDWE/ASWE,
AAOE/ASDRAS/ASOE, ASOE3, ASDCKE, and APDT
EMIF high group consists of: AHOLDA (when the corresponding HOLD input is high)
EMIF low group consists of: ABUSREQ; AHOLDA (when the corresponding HOLD input is low)
Low group consists of: XSP_CS, XSP_CLK/MDCLK, and XSP_DO/MDIO all of which apply only when PCI EEPROM is enabled (with
PCI_EN = 1 and MCBSP2_EN = 0). Otherwise, the XSP_CLK/MDCLK and XSP_DO/MDIO pins are in the Z group. For more details on
the PCI configuration pins, see the Device Configurations section of this data sheet.
Z group consists of: HD[31:0]/AD[31:0] and the muxed EMAC output pins, XSP_CLK/MDCLK, XSP_DO/MDIO, VP0D[2]/CLKX0,
VP1D[2]/CLKX1, VP0D[3]/FSX0, VP1D[3]/FSX1, VP0D[4]/DX0, VP1D[4]/DX1, VP0D[8]/CLKR0, VP1D[8]/CLKR1, VP0D[7]/FSR0,
VP1D[7]/FSR1, TOUT0, TOUT1, VDAC/GP0[8]/PCI66, GP0[7:0], GP0[10]/PCBE3, HR/W/PCBE2, HDS2/PCBE1, PCBE0,
GP0[13]/PINTA, GP0[11]/PREQ, HDS1/PSERR, HCS/PPERR, HCNTL1/PDEVSEL, HAS/PPAR, HCNTL0/PSTOP, HHWIL/PTRDY
(16-bit HPI mode only), HRDY/PIRDY, HINT/PFRAME, VP0D[19:9, 6,5,1,0], VP1D[19:9, 6,5,1,0], and VP2D[19:0].
DM642 Peripheral Information and Electrical Specifications
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com