Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM642 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 9Page - Texas Instruments TMS320DM642 Datasheet HTML 10Page - Texas Instruments TMS320DM642 Datasheet HTML 11Page - Texas Instruments TMS320DM642 Datasheet HTML 12Page - Texas Instruments TMS320DM642 Datasheet HTML 13Page - Texas Instruments TMS320DM642 Datasheet HTML 14Page - Texas Instruments TMS320DM642 Datasheet HTML 15Page - Texas Instruments TMS320DM642 Datasheet HTML 16Page - Texas Instruments TMS320DM642 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
www.ti.com
2.3
Memory Map Summary
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-3 shows the memory map address ranges of the DM642 device. Internal memory is always
located at address 0 and can be used as both program and data memory. The external memory address
ranges in the DM642 device begin at the hex address location 0x8000 0000 for EMIFA.
Table 2-3. TMS320DM642 Memory Map Summary
BLOCK SIZE
MEMORY BLOCK DESCRIPTION
HEX ADDRESS RANGE
(BYTES)
Internal RAM (L2)
256K
0000 0000 – 0003 FFFF
Reserved
768K
0004 0000 – 000F FFFF
Reserved
23M
0010 0000 – 017F FFFF
External Memory Interface A (EMIFA) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
Reserved
512K
01A4 0000 – 01AB FFFF
Timer 2 Registers
256K
01AC 0000 – 01AF FFFF
GP0 Registers
256K – 4K
01B0 0000 – 01B3 EFFF
Device Configuration Registers
4K
01B3 F000 – 01B3 FFFF
I2C0 Data and Control Registers
16K
01B4 0000 – 01B4 3FFF
Reserved
32K
01B4 4000 – 01B4 BFFF
McASP0 Control Registers
16K
01B4 C000 – 01B4 FFFF
Reserved
192K
01B5 0000 – 01B7 FFFF
Reserved
256K
01B8 0000 – 01BB FFFF
Emulation
256K
01BC 0000 – 01BF FFFF
PCI Registers
256K
01C0 0000 – 01C3 FFFF
VP0 Control
16K
01C4 0000 – 01C4 3FFF
VP1 Control
16K
01C4 4000 – 01C4 7FFF
VP2 Control
16K
01C4 8000 – 01C4 BFFF
VIC Control
16K
01C4 C000 – 01C4 FFFF
Reserved
192K
01C5 0000 – 01C7 FFFF
EMAC Control
4K
01C8 0000 – 01C8 0FFF
EMAC Wrapper
8K
01C8 1000 – 01C8 2FFF
EWRAP Registers
2K
01C8 3000 – 01C8 37FF
MDIO Control Registers
2K
01C8 3800 – 01C8 3FFF
Reserved
3.5M
01C8 4000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
928M – 52
0200 0034 – 2FFF FFFF
McBSP 0 Data
64M
3000 0000 – 33FF FFFF
McBSP 1 Data
64M
3400 0000 – 37FF FFFF
Reserved
64M
3800 0000 – 3BFF FFFF
McASP0 Data
1M
3C00 0000 – 3C0F FFFF
Reserved
64M – 1M
3C10 0000 – 3FFF FFFF
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com