Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM642 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 29Page - Texas Instruments TMS320DM642 Datasheet HTML 30Page - Texas Instruments TMS320DM642 Datasheet HTML 31Page - Texas Instruments TMS320DM642 Datasheet HTML 32Page - Texas Instruments TMS320DM642 Datasheet HTML 33Page - Texas Instruments TMS320DM642 Datasheet HTML 34Page - Texas Instruments TMS320DM642 Datasheet HTML 35Page - Texas Instruments TMS320DM642 Datasheet HTML 36Page - Texas Instruments TMS320DM642 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
GP0[15]/PRST(3)
G3
General-purpose input/output (GP0) 15 pin (I/O/Z) or PCI reset (I).
GP0 14 pin (I/O/Z) or PCI clock (I)
GP0[14]/PCLK(3)
C1
GP0 13 pin (I/O/Z) or PCI interrupt A (O/Z)
GP0[13]/PINTA(3)
G4
GP0 12 pin (I/O/Z) or PCI bus grant (I)
GP0 11 pin (I/O/Z) or PCI bus request (O/Z)
GP0[12]/PGNT(3)
H4
I/O/Z
GP0 10 pin (I/O/Z) or PCI command/byte enable 3 (I/O/Z)
GP0[11]/PREQ(3)
F1
GP0 9 pin (I/O/Z) or PCI initialization device select (I)
GP0[10]/PCBE3(3)
J2
Note: By default, no function is enabled upon reset. To configure these pins, see
the Device Configuration section of this data sheet.
GP0[9]/PIDSEL(3)
K3
GP0 3 pin (I/O/Z)
Boot Configuration: PCI EEPROM Auto-Initialization (EEAI).
GP0[3]
L5
I/O/Z
IPD
0 - PCI auto-initialization through EEPROM is disabled (default).
1 - PCI auto-initialization through EEPROM is enabled
VCXO Interpolated Control Port (VIC) single-bit digital-to-analog converter
(VDAC) output [output only] [default] or this pin can be programmed as a GP0 8
pin (I/O/Z)
Boot Configuration: PCI frequency selection (PCI66).
If the PCI peripheral is enabled (PCI_EN pin = 1), then:
0 - PCI operates at 66 MHz (default).
VDAC/GP0[8]/PCI66(3)
AD1
I/O/Z
IPD
1 - PCI operates at 33 MHz.
The –500 device supports PCI at 33 MHz only. For proper –500 device operation
when the PCI peripheral is enabled (PCI_EN = 1), this pin must be pulled up
with a 1-k
Ω resistor at device reset.
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be
pulled up.
EMIFA (64-bit) – CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
ACE3
L26
O/Z
IPU
EMIFA memory space enables
ACE2
K23
O/Z
IPU
•
Enabled by bits 28 through 31 of the word address
ACE1
K24
O/Z
IPU
•
Only one pin is asserted during any external data access
ACE0
K25
O/Z
IPU
ABE7
T22
O/Z
IPU
ABE6
T23
O/Z
IPU
EMIFA byte-enable control
ABE5
R25
O/Z
IPU
•
Decoded from the low-order address bits. The number of address bits or
ABE4
R26
O/Z
IPU
byte enables used depends on the width of external memory.
ABE3
M25
O/Z
IPU
•
Byte-write enables for most types of memory
ABE2
M26
O/Z
IPU
•
Can be directly connected to SDRAM read and write mask signal (SDQM)
ABE1
L23
O/Z
IPU
ABE0
L24
O/Z
IPU
EMIFA peripheral data transfer, allows direct transfer between external
APDT
M22
O/Z
IPU
peripherals
EMIFA (64-bit) – BUS ARBITRATION
AHOLDA
N22
O
IPU
EMIFA hold-request-acknowledge to the host
AHOLD
W24
I
IPU
EMIFA hold request from the host
ABUSREQ
P22
O
IPU
EMIFA bus request output
Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com