Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01JB Datasheet(PDF) 1 Page - Sanken electric

Part # AM01JB
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01JB Datasheet(HTML) 1 Page - Sanken electric

  AM01JB Datasheet HTML 1Page - Sanken electric AM01JB Datasheet HTML 2Page - Sanken electric AM01JB Datasheet HTML 3Page - Sanken electric AM01JB Datasheet HTML 4Page - Sanken electric AM01JB Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRM = 750 V
Transient Voltage Suppressor
AM01JB
Data Sheet
AM01JB-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD.
1
Jun. 13, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2016
Description
The AM01JB is high voltage diode for the ignition
coil of automotive electronics unit, and have high surge
capability.
Features
● High Reliability
● Automotive Requirement
● High Surge Capability
● Flammability UL94V-0 (Equivalent)
● Compliant with RoHS Directive
● V
RM------------------------------------------------------ 750 V
● I
F(AV)-----------------------------------------------------10 mA
● V
F------------------------------------------------ 1.0 V (max.)
Application
● Ignition coil of automotive electronics unit
Typical Application
Battery
Spark
TVS diode
AM01JB
GND
Ignition Coil
Primary
Secondary
Package
Axial (φ2.4 × 2.9L / φ0.49)
Not to Scale.
Internal Schematic Diagram
(2)
(1)
(1) Cathode
(2) Anode
Cathode Mark
(1)
(2)


Similar Part No. - AM01JB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AM01 SANKEN-AM01 Datasheet
23Kb / 1P
Rectifier Diodes
AM01 SANKEN-AM01 Datasheet
23Kb / 1P
Rectifier Diodes
AM01 SANKEN-AM01 Datasheet
155Kb / 3P
Rectifier Diodes
AM01A SANKEN-AM01A Datasheet
23Kb / 1P
Rectifier Diodes
AM01A SANKEN-AM01A Datasheet
23Kb / 1P
Rectifier Diodes
More results

Similar Description - AM01JB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com