Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01JB Datasheet(PDF) 3 Page - Sanken electric

Part # AM01JB
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01JB Datasheet(HTML) 3 Page - Sanken electric

  AM01JB Datasheet HTML 1Page - Sanken electric AM01JB Datasheet HTML 2Page - Sanken electric AM01JB Datasheet HTML 3Page - Sanken electric AM01JB Datasheet HTML 4Page - Sanken electric AM01JB Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AM01JB
AM01JB-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD.
3
Jun. 13, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2016
Typical Characteristics
Figure 2
IF-VF typical characteristics
Figure 3
IR-VR typical characteristics
Figure 4
IZ-VZ typical characteristics
Figure 5
VZ-Tj typical characteristics
0.001
0.01
0.1
1
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage, V
F (V)
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
0
200
400
600
800
1000
Reverse Voltage, V
R (V)
1
10
100
900
950
1000
1050
1100
Breakdown Voltage, V
Z (V)
900
950
1000
1050
1100
0
50
100
150
Junction Temperature, T
j (°C)
IZ=100µA
t = 5s
TA = 25°C
TA = 100°C
TA = 150°C
TA = 60°C
TA = 150°C
TA = 100°C
TA = 60°C
TA = 25°C
TA = 60°C
TA = 25°C
TA = 100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com