Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01JB Datasheet(PDF) 2 Page - Sanken electric

Part # AM01JB
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01JB Datasheet(HTML) 2 Page - Sanken electric

  AM01JB Datasheet HTML 1Page - Sanken electric AM01JB Datasheet HTML 2Page - Sanken electric AM01JB Datasheet HTML 3Page - Sanken electric AM01JB Datasheet HTML 4Page - Sanken electric AM01JB Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AM01JB
AM01JB-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD.
2
Jun. 13, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2016
Absolute Maximum Ratings
Unless specifically noted TA = 25 °C.
Parameter
Symbol
Conditions
Rating
Unit
Peak Repetitive Reverse Voltage
VRM
−
750
V
Surge Reverse Current
IRSM
See Figure 1.
Single pulse.
70
mA
Average Forward Current
IF(AV)
−
10
mA
Surge Forward Current
IFSM
Half cycle sine-wave,
positive side, 10ms,
one shot.
10
A
Junction Temperature
Tj
−
−40 to 150
°C
Storage Temperature
Tstg
−
−40 to 150
°C
Electrical Characteristics
Unless specifically noted, TA = 25 °C.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 10 mA
−
−
1.0
V
Reverse Leakage Current
IR
VR = VRM
−
−
10
μA
Breakdown Voltage
VZ
IZ = 100 µA
850
−
1100
V
Reverse
Current, IR
0
Time
50µs
IRSM
ΔIR
ΔIR
2
Figure 1
Definition of Surge Reverse Current, IRSM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com