Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01JB Datasheet(PDF) 4 Page - Sanken electric

Part # AM01JB
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01JB Datasheet(HTML) 4 Page - Sanken electric

  AM01JB Datasheet HTML 1Page - Sanken electric AM01JB Datasheet HTML 2Page - Sanken electric AM01JB Datasheet HTML 3Page - Sanken electric AM01JB Datasheet HTML 4Page - Sanken electric AM01JB Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM01JB
AM01JB-DSE Rev.1.0
SANKEN ELECTRIC CO.,LTD.
4
Jun. 13, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2016
Physical Dimensions
Axial (φ2.4 × 2.9L / φ0.49)
2.9 ± 0.1
62.0 ± 1.0
ϕ 2.4 ± 0.1
ϕ0.49 ± 0.06
Notes
● Dimension is in millimeters.
● Lead treatment Pb-free. Device composition compliant with the RoHS directive.
Marking Diagram
Cathode Mark
P is specific device code
R is VRM rank
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N or D)
Y
M
Table 1
Specific Device Code and VRM Rank
Specific Device Code
VRM Rank
Products
J
B
AM01JB
(See Table 1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com