Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL33N60DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL33N60DM2
Description  N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL33N60DM2 Datasheet HTML 7Page - STMicroelectronics STL33N60DM2 Datasheet HTML 8Page - STMicroelectronics STL33N60DM2 Datasheet HTML 9Page - STMicroelectronics STL33N60DM2 Datasheet HTML 10Page - STMicroelectronics STL33N60DM2 Datasheet HTML 11Page - STMicroelectronics STL33N60DM2 Datasheet HTML 12Page - STMicroelectronics STL33N60DM2 Datasheet HTML 13Page - STMicroelectronics STL33N60DM2 Datasheet HTML 14Page - STMicroelectronics STL33N60DM2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STL33N60DM2
Package mechanical data
DocID026781 Rev 2
11/15
Table 9: PowerFLAT™ 8x8 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.75
0.85
0.95
A1
0.00
0.05
A3
0.10
0.20
0.30
b
0.90
1.00
1.10
D
7.90
8.00
8.10
E
7.90
8.00
8.10
D2
7.10
7.20
7.30
E1
2.65
2.75
2.85
E2
4.25
4.35
4.45
e
2.00
L
0.40
0.50
0.60
Figure 21
: PowerFLAT™ 8x8 HV footprint
All dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com