Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL33N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL33N60DM2
Description  N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL33N60DM2 Datasheet HTML 1Page - STMicroelectronics STL33N60DM2 Datasheet HTML 2Page - STMicroelectronics STL33N60DM2 Datasheet HTML 3Page - STMicroelectronics STL33N60DM2 Datasheet HTML 4Page - STMicroelectronics STL33N60DM2 Datasheet HTML 5Page - STMicroelectronics STL33N60DM2 Datasheet HTML 6Page - STMicroelectronics STL33N60DM2 Datasheet HTML 7Page - STMicroelectronics STL33N60DM2 Datasheet HTML 8Page - STMicroelectronics STL33N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STL33N60DM2
Electrical characteristics
DocID026781 Rev 2
5/15
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 10.5 A
RG = 4.7 Ω, VGS = 10 V
(see Figure 14: "Switching
times test circuit for resistive
load")
-
17
-
ns
tr
Rise time
-
8
-
ns
td(off)
Turn-off delay time
-
62
-
ns
tf
Fall time
-
9
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
(1)
Source-drain current
-
21
A
ISDM
(1)(2)
Source-drain current
(pulsed)
-
84
A
VSD
(3)
Forward on voltage
ISD = 21 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 21 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 16: " Test
circuit for inductive load switching
and diode recovery times")
-
120
ns
Qrr
Reverse recovery
charge
-
0.53
µC
IRRM
Reverse recovery
current
-
8.8
A
trr
Reverse recovery time
ISD = 21 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 16: " Test circuit for
inductive load switching and diode
recovery times")
-
316
ns
Qrr
Reverse recovery
charge
-
2.85
µC
IRRM
Reverse recovery
current
-
18
A
Notes:
(1)
The value is rated according to Rthj-case and limited by package.
(2)
Pulse width limited by safe operating area
(3)Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±250 µA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection,thus eliminating the need for additional external componentry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com