Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL33N60DM2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL33N60DM2
Description  N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60DM2 Datasheet(HTML) 4 Page - STMicroelectronics

  STL33N60DM2 Datasheet HTML 1Page - STMicroelectronics STL33N60DM2 Datasheet HTML 2Page - STMicroelectronics STL33N60DM2 Datasheet HTML 3Page - STMicroelectronics STL33N60DM2 Datasheet HTML 4Page - STMicroelectronics STL33N60DM2 Datasheet HTML 5Page - STMicroelectronics STL33N60DM2 Datasheet HTML 6Page - STMicroelectronics STL33N60DM2 Datasheet HTML 7Page - STMicroelectronics STL33N60DM2 Datasheet HTML 8Page - STMicroelectronics STL33N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL33N60DM2
4/15
DocID026781 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0, ID = 1 mA
600
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = 600 V
1
µA
VGS = 0,
VDS = 600 V, TC=125 °C
(1)
100
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 25 V
±10
µA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on- resistance
VGS = 10 V, ID = 10.5 A
0.115
0.140
Notes:
(1)
Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
1870
-
pF
Coss
Output capacitance
-
87
-
pF
Crss
Reverse transfer
capacitance
-
2
-
pF
Coss eq.
(1)
Equivalent output
capacitance
VDS = 0 to 480 V, VGS = 0
-
157
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz, ID=0 A
-
4.5
-
Qg
Total gate charge
VDD = 480 V, ID = 21 A
VGS = 10 V
(see Figure 15: "Gate
charge test circuit")
-
43
-
nC
Qgs
Gate-source charge
-
9.8
-
nC
Qgd
Gate-drain charge
-
21.4
-
nC
Notes:
(1)
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com