Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL33N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL33N60DM2
Description  N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL33N60DM2 Datasheet HTML 1Page - STMicroelectronics STL33N60DM2 Datasheet HTML 2Page - STMicroelectronics STL33N60DM2 Datasheet HTML 3Page - STMicroelectronics STL33N60DM2 Datasheet HTML 4Page - STMicroelectronics STL33N60DM2 Datasheet HTML 5Page - STMicroelectronics STL33N60DM2 Datasheet HTML 6Page - STMicroelectronics STL33N60DM2 Datasheet HTML 7Page - STMicroelectronics STL33N60DM2 Datasheet HTML 8Page - STMicroelectronics STL33N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2016
DocID026781 Rev 2
1/15
This is information on a product in full production.
www.st.com
STL33N60DM2
N-
channel 600 V, 0.115 Ω typ., 21 A MDmesh™ DM2
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax
RDS(on)max
ID
STL33N60DM2
650 V
0.140 Ω
21 A
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part
of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL33N60DM2
33N60DM2
PowerFLAT™ 8x8 HV
Tape and reel
5
1
2
3
4
PowerFLA
T™ 8x8 HV


Similar Part No. - STL33N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL33N60DM6 STMICROELECTRONICS-STL33N60DM6 Datasheet
345Kb / 14P
N-channel 600 V, 125 m typ., 21 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
15-Feb-2021
More results

Similar Description - STL33N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL36N55M5 STMICROELECTRONICS-STL36N55M5 Datasheet
1Mb / 17P
N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
24-Jan-2013
STL24N60DM2 STMICROELECTRONICS-STL24N60DM2 Datasheet
812Kb / 15P
N-channel 600 V, 0.195 (ohm) typ., 15 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
25-Jul-2016
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
07-Dec-2016
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
N-channel 600 V, 175 mΩ typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Sep-2020
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
N-channel 600 V, 0.094 Ω typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
21-Jul-2020
STL19N60M6 STMICROELECTRONICS-STL19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STL28N60DM2 STMICROELECTRONICS-STL28N60DM2 Datasheet
758Kb / 15P
N-channel 600 V, 0.155 typ., 21 A MDmesh™ DM2 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
STL33N60DM6 STMICROELECTRONICS-STL33N60DM6 Datasheet
345Kb / 14P
N-channel 600 V, 125 m typ., 21 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
15-Feb-2021
STL33N60M6 STMICROELECTRONICS-STL33N60M6 Datasheet
379Kb / 15P
N-channel 600 V, 0.115 typ., 21 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
August 2018 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com