Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L88 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8AL3L88
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L88 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8AL3L88 Datasheet HTML 7Page - STMicroelectronics STM8AL3L88 Datasheet HTML 8Page - STMicroelectronics STM8AL3L88 Datasheet HTML 9Page - STMicroelectronics STM8AL3L88 Datasheet HTML 10Page - STMicroelectronics STM8AL3L88 Datasheet HTML 11Page - STMicroelectronics STM8AL3L88 Datasheet HTML 12Page - STMicroelectronics STM8AL3L88 Datasheet HTML 13Page - STMicroelectronics STM8AL3L88 Datasheet HTML 14Page - STMicroelectronics STM8AL3L88 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID17922 Rev 6
11/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
1.2
System limitations
1.2.1
Default DAC output level when output buffer is enabled
Description
When the DAC is enabled in buffered mode configuration, the output is set to a voltage
which corresponds to the code 0xFFF, whatever the data output register value. The output
recovers the correct voltage as soon as a new data is written into the data holding register.
Workaround
None.
The following software sequence must be executed at the highest speed to limit the duration
of this transient behavior:
DAC->CR1=01; //Enable DAC
DAC->DHR8 = 0x0; //Update the data holding register with 0 (as
an example), or with any other data.
Note:
The DAC in unbuffered mode is not affected by this limitation.
1.2.2
32.768 kHz LSE crystal accuracy may be disturbed by the use of
adjacent I/Os
Description
The activity on the PC4 and PC7 I/Os (input or output) can lead to missing pulses on the low
speed external oscillator (32.768 kHz external crystal).
Workaround
None.
If a high LSE accuracy is required, PC4 and PC7 must be tied to VDD or VSS.
No fix planned for this limitation.
1.2.3
RTC LSE failure can be detected just once after power-on reset
Description
When the CSS on LSE is enabled (CSSEN=1 in CSSLSE_CSR), the CSS on LSE Flag
(CSSF) can be set only once after power-on reset. Consequently, in case of several LSE
perturbations in the application, only the first one can be detected and set the CSSF flag.
Workaround
None.
No fix planned for this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com