Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L88 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8AL3L88
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L88 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8AL3L88 Datasheet HTML 10Page - STMicroelectronics STM8AL3L88 Datasheet HTML 11Page - STMicroelectronics STM8AL3L88 Datasheet HTML 12Page - STMicroelectronics STM8AL3L88 Datasheet HTML 13Page - STMicroelectronics STM8AL3L88 Datasheet HTML 14Page - STMicroelectronics STM8AL3L88 Datasheet HTML 15Page - STMicroelectronics STM8AL3L88 Datasheet HTML 16Page - STMicroelectronics STM8AL3L88 Datasheet HTML 17Page - STMicroelectronics STM8AL3L88 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Silicon limitations
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
16/18
DocID17922 Rev 6
PE flag can be cleared in USART Duplex mode by writing to the data register
Description
The PE flag can be cleared by a read to the USART_SR register followed by a read or a
write to the USART_DR register.
When working in duplex mode, the following event can occur: the PE flag set by the receiver
at the end of a reception is cleared by the software transmitter reading the USART_SR (to
check TXE or TC flags) and writing a new data into the USART_DR.
The software receiver can also read a PE flag at ‘0’ if a parity error occurred.
Workaround
The PE flag should be checked before writing to the USART_DR.
PE flag is not set in USART Mute mode using address mark detection
Description
If, when using address mark detection, the receiver recognizes in Mute mode a valid
address frame but the parity check fails, it exits from the Mute mode without setting the PE
flag.
Workaround
None.
IDLE flag is not set using address mark detection in the USART peripheral
Description
The IDLE flag is not set when the address mark detection is enabled, even when the
USART is in Run mode (not only in Mute mode).
Workaround
None.
1.3.4
Timer limitations
TIM1 advanced timer: Bad regulation for 100% PWM
Description
When the OCREFCLR functionality is activated, the OCxREF signal becomes deasserted
(and consequently OCx is deasserted / OCxN is asserted) when a high level is applied on
the OCREF_CLR signal. Then, the PWM restarts (output re-enabled) at the next counter
overflow.
But if the PWM is configured at 100% (CCxR->ARR), then it does not restart and OCxREF
remains de-asserted.
Consequently, current feedbacks cannot be generated without programming a minimum off-
time (there cannot be a 100% PWM for this usage).
Workaround
None.
No fix planned for this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com