Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L88 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM8AL3L88
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L88 Datasheet(HTML) 4 Page - STMicroelectronics

  STM8AL3L88 Datasheet HTML 1Page - STMicroelectronics STM8AL3L88 Datasheet HTML 2Page - STMicroelectronics STM8AL3L88 Datasheet HTML 3Page - STMicroelectronics STM8AL3L88 Datasheet HTML 4Page - STMicroelectronics STM8AL3L88 Datasheet HTML 5Page - STMicroelectronics STM8AL3L88 Datasheet HTML 6Page - STMicroelectronics STM8AL3L88 Datasheet HTML 7Page - STMicroelectronics STM8AL3L88 Datasheet HTML 8Page - STMicroelectronics STM8AL3L88 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Silicon limitations
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
4/18
DocID17922 Rev 6
1
Silicon limitations
Table 3 gives a summary of the fix status.
Legend for Table 3: A = workaround available; N = no workaround available; P = partial
workaround available; N/A: not applicable; ‘-’ and grayed = fixed.
Table 3. Summary of STM8AL3xxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon
limitations
Section
Limitation
STM8L15xM8/R8/C8/R6
STM8L162x8,
STM8AL318x,
STM8AL3L8x,
STM8AL3xE8x
rev. Z
STM8L052R8
rev. Z
Section 1.1: Core
limitations
Section 1.1.1: Interrupt service routine (ISR)
executed with priority of main process
NN
Section 1.1.2: Main CPU execution is not resumed
after an ISR resets the AL bit
AA
Section 1.1.3: Unexpected DIV/DIVW instruction
result in ISR
AA
Section 1.1.4: Incorrect code execution when WFE
execution is interrupted by ISR or event
AA
Section 1.1.5: Core kept in stall mode when DMA
transfer occurs during program/ erase operation to
EEPROM
AA
Section 1.1.6: Incorrect code execution when
FLASH/EEPROM memory wakes up from power
down mode
AA
Section 1.2:
System
limitations
Section 1.2.1: Default DAC output level when output
buffer is enabled
NN/A
Section 1.2.2: 32.768 kHz LSE crystal accuracy may
be disturbed by the use of adjacent I/Os
NN
Section 1.2.3: RTC LSE failure can be detected just
once after power-on reset
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com