Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L88 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8AL3L88
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L88 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8AL3L88 Datasheet HTML 9Page - STMicroelectronics STM8AL3L88 Datasheet HTML 10Page - STMicroelectronics STM8AL3L88 Datasheet HTML 11Page - STMicroelectronics STM8AL3L88 Datasheet HTML 12Page - STMicroelectronics STM8AL3L88 Datasheet HTML 13Page - STMicroelectronics STM8AL3L88 Datasheet HTML 14Page - STMicroelectronics STM8AL3L88 Datasheet HTML 15Page - STMicroelectronics STM8AL3L88 Datasheet HTML 16Page - STMicroelectronics STM8AL3L88 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID17922 Rev 6
13/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
Corrupted last received data in I2C Master Receiver mode
Conditions
In Master Receiver mode, when the communication is closed using method 2, the content of
the last read data may be corrupted. The following two sequences are concerned by the
limitation:
Sequence 1: transfer sequence for master receiver when N
2
a)
BTF = 1 (Data N-1 in DR and Data N in shift register)
b)
Program STOP = 1
c)
Read DR twice (Read Data N-1 and Data N) just after programming the STOP bit.
Sequence 2: transfer sequence for master receiver when N
2
a)
BTF = 1 (Data N-2 in DR and Data N-1 in shift register)
b)
Program ACK = 0
c)
Read Data N-2 in DR
d)
Program STOP bit to 1
e)
Read Data N-1.
Description
The content of the shift register (data N) is corrupted (data N is shifted 1 bit to the left) if the
user software is not able to read the data N-1 before the STOP condition is generated on the
bus. In this case, reading data N returns a wrong value.
Workaround 1
–
Sequence 1
When sequence 1 is used to close communication using method 2, mask all active
interrupts between STOP bit programming and Read data N-1.
–
Sequence 2
When sequence 2 is used to close communication using method 2, mask all active
interrupts between Read data N-2, STOP bit programming and Read data N-1.
Workaround 2
Manage I2C RxNE and TxE events with DMA or interrupts of the highest priority level, so
that the condition BTF = 1 never occurs.
Wrong behavior of the I2C peripheral in Master mode after misplaced STOP
Description
The I2C peripheral does not enter Master mode properly if a misplaced STOP is generated
on the bus. This can happen in the following conditions:
If a void message is received (START condition immediately followed by a STOP): the
BERR (bus error) flag is not set, and the I2C peripheral is not able to send a START
condition on the bus after writing to the START bit in the I2C_CR2 register.
In the other cases of a misplaced STOP, the BERR flag is set in the IC2_CR2 register.
If the START bit is already set in I2C_CR2, the START condition is not correctly
generated on the bus and can create bus errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com