Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39020 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 8Page - STMicroelectronics LD39020 Datasheet HTML 9Page - STMicroelectronics LD39020 Datasheet HTML 10Page - STMicroelectronics LD39020 Datasheet HTML 11Page - STMicroelectronics LD39020 Datasheet HTML 12Page - STMicroelectronics LD39020 Datasheet HTML 13Page - STMicroelectronics LD39020 Datasheet HTML 14Page - STMicroelectronics LD39020 Datasheet HTML 15Page - STMicroelectronics LD39020 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Application information
LD39020
12/30
DocID025316 Rev 3
6
Application information
6.1
Soft start function
The LD39020 has an internal soft start circuit. By increasing the startup time up to 100µs,
without the need of any external soft start capacitor, this feature is able to keep the
regulator inrush current at startup under control.
6.2
Output discharge function
The LD39020 integrates a MOSFET connected between Vout and GND. This transistor is
activated when the EN pin goes to low logic level and has the function to quickly discharge
the output capacitor when the device is disabled by the user.
The device is available with or without auto-discharge feature.
See Table 10: "DFN1x1-4L order codes" for more details.
6.3
Input and output capacitors
The LD39020 requires external capacitors to assure the regulator control loop stability.
Any good quality ceramic capacitor can be used but, the X5R and the X7R are suggested
since they guarantee a very stable combination of capacitance and ESR overtemperature.
Locating the input/output capacitors as closer as possible to the relative pins is
recommended.
The LD39020 requires an input capacitor with a minimum value of 1 μF.
This capacitor must be located as closer as possible to the input pin of the device and
returned to a clean analog ground.
The control loop of the LD39020 is designed to work with an output ceramic capacitor.
This capacitor must meet the requirements of minimum capacitance and equivalent series
resistance (ESR), as shown in Fig17. To assure stability, the output capacitor must
maintain its ESR and capacitance in the stable region, over the full operating temperature
range.
The LD39020 shows stability with a minimum effective output capacitance of 220 nF.
However, to keep stability in all operating conditions (temperature, input voltage and load
variations), a minimum output capacitor of 0.47 µF is recommended.
The suggested combination of 1 μF input and output capacitors offers a good compromise
among the stability of the regulator, optimum transient response and total PCB area
occupation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com