Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39020 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 21Page - STMicroelectronics LD39020 Datasheet HTML 22Page - STMicroelectronics LD39020 Datasheet HTML 23Page - STMicroelectronics LD39020 Datasheet HTML 24Page - STMicroelectronics LD39020 Datasheet HTML 25Page - STMicroelectronics LD39020 Datasheet HTML 26Page - STMicroelectronics LD39020 Datasheet HTML 27Page - STMicroelectronics LD39020 Datasheet HTML 28Page - STMicroelectronics LD39020 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LD39020
Order code
DocID025316 Rev 3
25/30
9
Order code
Table 10: DFN1x1-4L order code
Order code
Output voltage (V)
Auto-discharge
Tolerance (%)
Marking
LD39020ADTPU08R
(1)
0.8
Yes
0.5
A1
LD39020DTPU08R
2
08
LD39020ATPU08R
(1)
No
0.5
B1
LD39020TPU08R
(1)
2
C1
LD39020ADTPU095R
(1)
0.95
Yes
0.5
A2
LD39020DTPU095R
2
95
LD39020ATPU095R
(1)
No
0.5
B2
LD39020TPU095R
(1)
2
C2
LD39020ADTPU10R
(1)
1
Yes
0.5
A3
LD39020DTPU10R
2
10
LD39020ATPU10R
(1)
No
0.5
B3
LD39020TPU10R
(1)
2
C3
LD39020ADTPU11R
(1)
1.1
Yes
0.5
A4
LD39020DTPU11R
2
11
LD39020ATPU11R
(1)
No
0.5
B4
LD39020TPU11R
(1)
2
C4
LD39020ADTPU12R
(1)
1.2
Yes
0.5
A5
LD39020DTPU12R
2
12
LD39020ATPU12R
(1)
No
0.5
B5
LD39020TPU12R
(1)
2
C5
LD39020ADTPU13R
1.3
Yes
0.5
AP
LD39020DTPU13R
2
13
LD39020ATPU13R
(1)
No
0.5
BP
LD39020TPU13R
(1)
2
CP
LD39020ADTPU15R
(1)
1.5
Yes
0.5
A6
LD39020DTPU15R
2
15
LD39020ATPU15R
(1)
No
0.5
B6
LD39020TPU15R
(1)
2
C6
LD39020ADTPU18R
(1)
1.8
Yes
0.5
A7
LD39020DTPU18R
2
18
LD39020ATPU18R
(1)
No
0.5
B7
LD39020TPU18R
(1)
2
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com