Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39020 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 16Page - STMicroelectronics LD39020 Datasheet HTML 17Page - STMicroelectronics LD39020 Datasheet HTML 18Page - STMicroelectronics LD39020 Datasheet HTML 19Page - STMicroelectronics LD39020 Datasheet HTML 20Page - STMicroelectronics LD39020 Datasheet HTML 21Page - STMicroelectronics LD39020 Datasheet HTML 22Page - STMicroelectronics LD39020 Datasheet HTML 23Page - STMicroelectronics LD39020 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Package information
LD39020
20/30
DocID025316 Rev 3
Table 7: DFN 1x1-4L mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.34
0.37
0.40
A1
0
0.02
0.05
A3
0.10
b
0.17
0.22
0.27
D
0.95
1.00
1.05
D2
0.43
0.48
0.53
E
0.95
1.00
1.05
E2
0.43
0.48
0.53
e
0.65
L
0.20
0.25
0.30
K
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com