Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39020 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 22Page - STMicroelectronics LD39020 Datasheet HTML 23Page - STMicroelectronics LD39020 Datasheet HTML 24Page - STMicroelectronics LD39020 Datasheet HTML 25Page - STMicroelectronics LD39020 Datasheet HTML 26Page - STMicroelectronics LD39020 Datasheet HTML 27Page - STMicroelectronics LD39020 Datasheet HTML 28Page - STMicroelectronics LD39020 Datasheet HTML 29Page - STMicroelectronics LD39020 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LD39020
Revision history
DocID025316 Rev 3
29/30
10
Revision history
Table 12: Document revision history
Date
Revision
Changes
04-Dec-2013
1
Initial release.
02-Apr-2014
2
Updated Table 10: "DFN1x1-4L order codes".
15-Jun-2015
3
Added SOT23-5L package. Modified features and description in
cover page. Updated Section 7: "Pin configuration" and Table 3:
"Thermal data". Added Section 13.2: "SOT23-5L package
information" and Section 13.3: "SOT23-5L packing information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com