Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 110Page - STMicroelectronics STM32F303XD Datasheet HTML 111Page - STMicroelectronics STM32F303XD Datasheet HTML 112Page - STMicroelectronics STM32F303XD Datasheet HTML 113Page - STMicroelectronics STM32F303XD Datasheet HTML 114Page - STMicroelectronics STM32F303XD Datasheet HTML 115Page - STMicroelectronics STM32F303XD Datasheet HTML 116Page - STMicroelectronics STM32F303XD Datasheet HTML 117Page - STMicroelectronics STM32F303XD Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
114/173
DocID026415 Rev 5
Figure 35. NAND controller write timings
Table 59. Switching characteristics for NAND Flash read cycles(1) (2)
1. Based on characterization, not tested in production.
2. CL = 30 pF
Symbol
Parameter
Min
Max
Unit
tw(NOE)
FMC_NOE low width
6THCLK
6THCLK + 2
ns
tsu(D-NOE)
FMC_D[15-0] valid data before
FMC_NOE high
THCLK+5
-
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE
high
0-
td(ALE-NOE)
FMC_ALE valid before FMC_NOE low
-
6THCLK -0.5
th(NOE-ALE)
FMC_NWE high to FMC_ALE invalid
6THCLK-1
-
Table 60. Switching characteristics for NAND Flash write cycles(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4THCLK-0.5 4THCLK + 1.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
-
3.5
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3THCLK -1.5
-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE
high
5THCLK – 3
-
td(ALE_NWE)
FMC_ALE valid before FMC_NWE low
-
4THCLK+2
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2THCLK-1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com