Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 114Page - STMicroelectronics STM32F303XD Datasheet HTML 115Page - STMicroelectronics STM32F303XD Datasheet HTML 116Page - STMicroelectronics STM32F303XD Datasheet HTML 117Page - STMicroelectronics STM32F303XD Datasheet HTML 118Page - STMicroelectronics STM32F303XD Datasheet HTML 119Page - STMicroelectronics STM32F303XD Datasheet HTML 120Page - STMicroelectronics STM32F303XD Datasheet HTML 121Page - STMicroelectronics STM32F303XD Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
118/173
DocID026415 Rev 5
Note:
It is recommended to add a Schottky diode (pin to ground) to analog pins which may
potentially inject negative currents.
6.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 66 are derived from tests
performed under the conditions summarized in Table 19. All I/Os are CMOS and TTL
compliant.
IINJ
Injected current on PB0, PB1, PE7, PE8, PE9, PE10,
PE11, PE12, PE13, PE14, PE15, PB12, PB13, PB14,
P15, PD8, PD9, PD10, PD11, PD12, PD13, PD14 with
induced leakage current on other pins from this group
less than -50 µA or more than +400 µA
-5
+5
mA
Injected current on any other FT and FTf pins
-5
NA
Injected current on any other pins
-5
+5
Table 65. I/O current injection susceptibility (continued)
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
Table 66. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
TC and TTa I/O
-
-
0.3 VDD+0.07 (1)
V
FT and FTf I/O
-
-
0.475 VDD-0.2 (1)
BOOT0
-
-
0.3 VDD–0.3 (1)
All I/Os except BOOT0
-
-
0.3 VDD (2)
VIH
High level input
voltage
TC and TTa I/O
0.445 VDD+0.398 (1)
--
V
FT and FTf I/O
0.5 VDD+0.2 (1)
--
BOOT0
0.2 VDD+0.95 (1)
--
All I/Os except BOOT0
0.7 VDD (2)
--
Vhys
Schmitt trigger
hysteresis
TC and TTa I/O
-
200 (1)
-
mV
FT and FTf I/O
-
100 (1)
-
BOOT0
-
300 (1)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com