Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 113Page - STMicroelectronics STM32F412XE Datasheet HTML 114Page - STMicroelectronics STM32F412XE Datasheet HTML 115Page - STMicroelectronics STM32F412XE Datasheet HTML 116Page - STMicroelectronics STM32F412XE Datasheet HTML 117Page - STMicroelectronics STM32F412XE Datasheet HTML 118Page - STMicroelectronics STM32F412XE Datasheet HTML 119Page - STMicroelectronics STM32F412XE Datasheet HTML 120Page - STMicroelectronics STM32F412XE Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 193 page
background image
DocID028087 Rev 4
117/193
STM32F412xE/G
Electrical characteristics
161
Note:
It is recommended to add a Schottky diode (pin to ground) to analog pins which may
potentially inject negative currents.
6.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 56 are derived from tests
performed under the conditions summarized in Table 15. All I/Os are CMOS and TTL
compliant.
Table 55. I/O current injection susceptibility(1)
1. NA = not applicable
.
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on BOOT0 pin
–0
NA
mA
Injected current on NRST pin
–0
NA
Injected current on PB3, PB4, PB5, PB6,
PB7, PB8, PB9, PC13, PC14, PC15, PH1,
PDR_ON, PC0, PC1,PC2, PC3, PD1,
PD5, PD6, PD7, PE0, PE2, PE3, PE4,
PE5, PE6
–0
NA
Injected current on any other FT pin
–5
NA
Injected current on any other pins
–5
+5
Table 56. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
FT, TC and NRST I/O input low
level voltage
1.7 V≤VDD≤3.6 V
-
-
0.3VDD(1)
V
BOOT0 I/O input low level
voltage
1.75 V≤VDD ≤3.6 V,
-40 °C≤TA ≤105 °C
--
0.1VDD+0.1(2)
1.7 V≤VDD ≤3.6 V,
0 °C≤TA ≤105 °C
--
VIH
FT, TC and NRST I/O input high
level voltage(5)
1.7 V≤VDD≤3.6 V
0.7VDD(1)
--
V
BOOT0 I/O input high level
voltage
1.75 V≤VDD ≤3.6 V,
-40 °C≤TA ≤105 °C
0.17VDD+0.7(2)
--
1.7 V≤VDD ≤3.6 V,
0 °C≤TA ≤105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com