Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 116Page - STMicroelectronics STM32F412XE Datasheet HTML 117Page - STMicroelectronics STM32F412XE Datasheet HTML 118Page - STMicroelectronics STM32F412XE Datasheet HTML 119Page - STMicroelectronics STM32F412XE Datasheet HTML 120Page - STMicroelectronics STM32F412XE Datasheet HTML 121Page - STMicroelectronics STM32F412XE Datasheet HTML 122Page - STMicroelectronics STM32F412XE Datasheet HTML 123Page - STMicroelectronics STM32F412XE Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 193 page
background image
Electrical characteristics
STM32F412xE/G
120/193
DocID028087 Rev 4
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 36 and
Table 58, respectively.
Unless otherwise specified, the parameters given in Table 58 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 15.
Table 57. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 13.
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
CMOS port(2)
IIO = +8 mA
2.7 V ≤VDD ≤3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 13 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
VDD–0.4
-
VOL (1) Output low level voltage for an I/O pin
TTL port(2)
IIO =+8 mA
2.7 V ≤VDD ≤3.6 V
-0.4
V
VOH (3) Output high level voltage for an I/O pin
2.4
-
VOL(1) Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V ≤VDD ≤3.6 V
-1.3(4)
4. Guaranteed by characterization results, not tested in production.
V
VOH(3) Output high level voltage for an I/O pin
VDD–1.3(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +6 mA
1.8 V ≤VDD ≤3.6 V
-0.4(4)
V
VOH(3) Output high level voltage for an I/O pin
VDD–0.4(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +4 mA
1.7 V ≤VDD ≤3.6 V
-0.4(5)
5. Guaranteed by design, not tested in production.
V
VOH(3) Output high level voltage for an I/O pin
VDD–0.4(5)
-
Table 58. I/O AC characteristics(1)(2)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
00
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD ≥ 2.70 V
-
-
4
MHz
CL = 50 pF, VDD≥ 1.7 V
-
-
2
CL = 10 pF, VDD ≥ 2.70 V
-
-
8
CL = 10 pF, VDD ≥ 1.7 V
-
-
4
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 50 pF, VDD = 1.7 V to
3.6 V
--
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com