Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 119Page - STMicroelectronics STM32F412XE Datasheet HTML 120Page - STMicroelectronics STM32F412XE Datasheet HTML 121Page - STMicroelectronics STM32F412XE Datasheet HTML 122Page - STMicroelectronics STM32F412XE Datasheet HTML 123Page - STMicroelectronics STM32F412XE Datasheet HTML 124Page - STMicroelectronics STM32F412XE Datasheet HTML 125Page - STMicroelectronics STM32F412XE Datasheet HTML 126Page - STMicroelectronics STM32F412XE Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 193 page
background image
DocID028087 Rev 4
123/193
STM32F412xE/G
Electrical characteristics
161
Figure 37. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 59. Otherwise the reset is not taken into account by the device.
6.3.18
TIM timer characteristics
The parameters given in Table 60 are guaranteed by design.
Refer to Section 6.3.16: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 60. TIMx characteristics(1)(2)
1. TIMx is used as a general term to refer to the TIM1 to TIM11 timers.
2. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions(3)
3. The maximum timer frequency on APB1 is 50 MHz and on APB2 is up to 100 MHz, by setting the TIMPRE
bit in the RCC_DCKCFGR register, if APBx prescaler is 1 or 2 or 4, then TIMxCLK = HCKL, otherwise
TIMxCLK >= 4x PCLKx.
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APBx prescaler=1
or 2 or 4, fTIMxCLK =
100 MHz
1-
tTIMxCLK
11.9
-
ns
AHB/APBx prescaler>4,
fTIMxCLK = 100 MHz
1-
tTIMxCLK
11.9
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4 f
TIMxCLK = 100 MHz
0
fTIMxCLK/2
MHz
050
MHz
ResTIM
Timer resolution
-
16/32
bit
tCOUNTER
16-bit counter clock
period when internal clock
is selected
fTIMxCLK = 100 MHz
0.0119
780
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
--
65536 ×
65536
tTIMxCLK
fTIMxCLK = 100 MHz
-51.1
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com